Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
1
01/31/2004
V4.7
I. General Description
The EM78P568 is an 8-bit RISC type microprocessor with low power, high speed CMOS technology. There are
16Kx13 bits Electrical One Time Programmable Read Only Memory (OTP-ROM) within it. It provides security bits and
some One time programmable Option bits to protect the OTP memory code from any external access as well as to meet
user’s options.
This integrated single chip has an on_chip watchdog timer (WDT), program OTP-ROM, data RAM, LCD driver,
programmable real time clock/counter, internal interrupt, power down mode, 8-bit D/A, 5-bit Comparator, DAC tone
generator, CTCSS analog circuit, programming dual tone generator and tri-state I/O.
II. Feature
CPU
•Operating voltage : 2.2V∼5.5V
•16k x 13 on chip Electrical One Time Programmable Read Only Memory (OTP-ROM)
•1k x 8 on chip data RAM
•Up to 51 bi-directional tri-state I/O ports
•16 level stack for subroutine nesting
•8-bit real time clock/counter (TCC)
•two 8-bit counters : COUNTER1 and COUNTER2
•On-chip watchdog timer (WDT)
•99.9% single instruction cycle commands
•Four modes (Main clock can be programmed from 447.829k to 17.913MHz generated by internal PLL)
Mode
CPU status
Main clock
32.768kHz clock status
Sleep mode
Turn off
Turn off
Turn off
Idle mode
Turn off
Turn off
Turn on
Green mode
Turn on
Turn off
Turn on
Normal mode
Turn on
Turn on
Turn on
•Input port interrupt function
•8 interrupt source, 4 external, 8 internal
•Dual clocks operation (Internal PLL main clock , External 32.768KHz)
PROGRAMMING TONE GENERATORS
•Operating voltage : 2.2V∼5.5V
•Programming Tone1 and Tone2 dual tone generators
•11-bit programming Tone1 generators
•8-bit programming Tone2 generator
COMPARATOR
•Operating : 2.7V ~ 5.5V
•3-channel input
•5-bit comparison reference level setting
•Internal (2.5V or VDD) or external reference level
DAC
•Operating : 2.7V∼5.5V
•8-bit R-2R D/A converter
•8-bit programmable tone output
•Easy to direct access as programmable CTCSS tone output by DAC tone generator
•Internal (VDD or 2.5V) reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com