Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
16
01/31/2004
V4.7
PAGE1 (DAC input data register)
7
6
5
4
3
2
1
0
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0 ~ Bit 7 (DA0 to DA7) : DA converter data buffer
PAGE2 (LCD waveform option, Multiplication control)
7
6
5
4
3
2
1
0
LCDOPT
-
-
-
-
-
-
-
R/W-0
Bit 0 ~ Bit 6 : (undefined) not allowed to use
Bit 7 (LCDOPT) : LCD output waveform option
0
default LCD waveform for Type0 LCD waveform
1
switch over LCD bias V1 and V2 for segment for Type1 LCD waveform
(Please set this bit to “1” to get better display performance while LCD driver is used)
RB (PORTB I/O data, ADC output data buffer)
PAGE0 (PORT9 I/O data register)
7
6
5
4
3
2
1
0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 7 (PB0 ~ PB7) : 8-bit PORTB(0~7) I/O data register
User can use IOC register to define input or output each bit.
RC (PORTC I/O data, Counter1 data)
PAGE0 (PORT9 I/O data register)
7
6
5
4
3
2
1
0
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 7 (PC0 ~ PC7) : 8-bit PORTC(0~7) I/O data register
User can use IOC register to define input or output each bit.
PAGE1 (Counter1 data register)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CN17
CN16
CN15
CN14
CN13
CN12
CN11
CN10
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 7 (CN10 ~ CN17) : Counter1's buffer that user can read and write.
Counter1 is a 8-bit up-counter with 8-bit prescaler that user can use RC PAGE1 to preset and read the
counter.(write
preset)
After a interruption , it will reload the preset value.
Example for writing :
MOV
0x0C, A
; write the data at accumulator to counter1 (preset)
Example for reading :
MOV
A, 0x0C
; read the data at counter1 to accumulator
RD (LCD control, Counter2 data, PWM1,2 duty latch, Multiplication result)
PAGE0 (LCD driver control bits)
7
6
5
4
3
2
1
0
DETOED
-
-
-
-
LCD_C1 LCD_C0
LCD_M
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 (LCD_M) : LCD operation method including duty and frame frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com