Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
9
01/31/2004
V4.7
09 Port9 I/O control
Port9 switches
0A TONE2 control
DAC,DAC tone control,
2.5V ref control
0B PortB I/O control
0C PortC I/O control
Port5,8,B,C switch
0D TONE1 control
Clock source(CN1,CN2)
Prescaler(CN1,CN2)
0E TONE1 extra control,
Interrupt mask
CTCSS control switches
0F Interrupt mask
10
:
1F
20
:
3F
VII.2 Operational Register Detail Description
R0 (Indirect Addressing Register)
R0 is not a physically implemented register. It is used as indirect addressing pointer. Any instruction using R0
as register actually accesses data pointed by the RAM Select Register (R4).
Example:
Mov
A, @0x20
;store a address at R4 for indirect addressing
Mov
0x04, A
Mov
A, @0xAA
;write data 0xAA to R20 at bank0 through R0
Mov
0x00, A
R1 (TCC)
TCC data buffer. Increased by 16.384KHz or by the instruction cycle clock (controlled by CONT register).
Written and read by the program as any other register.
R2 (Program Counter)
The structure is depicted in Fig.3.
Generates 16k
× 13 on-chip PROGRAM OTP-ROM addresses to the relative programming instruction codes.
"JMP" instruction allows the direct loading of the low 10 program counter bits.
"CALL" instruction loads the low 10 bits of the PC, PC+1, and then push into the stack.
"RET'' ("RETL k", "RETI") instruction loads the program counter with the contents at the top of stack.
"MOV R2, A" allows the loading of an address from the A register to the PC, and the ninth and tenth bits are
cleared to "0''.
"ADD R2,A" allows a relative address be added to the current PC, and contents of the ninth and tenth bits are
cleared to "0''.
"TBL" allows a relative address added to the current PC, and contents of the ninth and tenth bits don't change.
The most significant bit (A10~A13) will be loaded with the contents of bit PS0~PS3 in the status register (R5
PAGE0) upon the execution of a "JMP'', "CALL'', "ADD R2, A'', or "MOV R2, A'' instruction.
If an interrupt is triggered, PROGRAM ROM will jump to address 0x08 at page0. The CPU will store ACC,
R3 status and R5 PAGE automatically, and they will be restored after instruction RETI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com