Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
2
01/31/2004
V4.7
CTCSS block
•Operating voltage : 2.7V∼5.5V
•Microphone amplifier (can be used as general OP Amp)
•Microphone mute function
•RX input OP
•Audio BPF (300Hz ~ 3400Hz)
•Sub-audio LPF (60Hz ~ 253Hz) for CTCSS tone detection
•Zero-crossing for detected CTCSS tone frequency output
•CTCSS Tx modulation summing Amp
LCD
•Common driver pins : 4
•Segment driver pins : 32
•1/3 bias
•1/4 duty, 1/2 duty
•16 Level LCD contrast control by software
PACKAGE
•100-pin QFP (EM78P568Q)
78-pin die (EM78P568H)
III. Application
FRS (Family Radio Systems) ,other wireless and portable products,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com