Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 22 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 22 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 26Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
17
01/31/2004
V4.7
Bit 1 ~ Bit 2 (LCD_C0 ~ LCD_C1) : LCD display control
LCD_C1 LCD_C0 LCD_M LCD Display Control
Duty
Bias
0
0
0
change duty
1/4
1/3
1
Disable(turn off LCD)
1/2
1/3
0
1
:
Blanking
:
:
1
1
:
LCD display enable
:
:
Ps. To change the display duty must set the "LCD_C1 ,LCD_C0" to "00".
The controller can drive LCD directly. The LCD block is made up of common driver, segment driver,
display LCD RAM, common output pins, segment output pins and LCD operating power supply. The basic
structure contains a timing control. This timing control uses the basic frequency 32.768KHz to generate the
proper timing for different duty and display access.
RD PAGE0 Bit 0 ~ Bit 2 are LCD control bits for LCD driver. These LCD control bits determine the duty,
the number of common and the frame frequency. The LCD display (disable, enable, blanking) is controlled
by Bit 1 and Bit 2. The driving duty is decided by Bit 0. The display data is stored in LCD RAM which
address and data access controlled by registers R5 PAGE1 and R6 PAGE1.
User can regulate the contrast of LCD display by IOC5 PAGE0 Bit 0 ~ Bit 3 (BIAS0 ~ BIAS3). Up to 16
levels contrast is convenient for better display.
Bit 3 ~ Bit 6 : (undefined) not allowed to use
Bit 7 (DETOED) : the interrupt triggering edge control for CTCSS tone detection output
0/1
falling edge/falling and rising
PAGE1 (Counter2 data register)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CN27
CN26
CN25
CN24
CN23
CN22
CN21
CN20
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 7 (CN20 ~ CN27) : Counter2's buffer that user can read and write.
Counter2 is a 8-bit up-counter with 8-bit prescaler that user can use RD PAGE1 to preset and read the
counter.(write
preset)
After a interruption, it will reload the preset value.
Example for writing :
MOV
0x0D, A
; write the data at accumulator to counter2 (preset)
Example for reading :
MOV
A, 0x0D
; read the data at counter2 to accumulator
RE (Interrupt flag, Wake-up control, DAC tone output frequency selection, PWM2 duty latch,
Multiplication result)
PAGE0 (Interrupt flag, Wake-up control bits)
7
6
5
4
3
2
1
0
-
-
-
-
/WUP83
/WUP82
/WUP81
/WUP80
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 (/WUP80) : PORT80 wake-up control,
0/1
disable/enable P80 pin wake-up function
Bit 1 (/WUP81) : PORT81 wake-up control,
0/1
disable/enable P81 pin wake-up function
Bit 2 (/WUP82) : PORT82 wake-up control,
0/1
disable/enable P82 pin wake-up function
Bit 3 (/WUP83) : PORT83 wake-up control,
0/1
disable/enable P83 pin wake-up function
Bit 4 ~ Bit 7 :
(undefined) not allowed to use
Set when a selected period is reached, reset by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com