Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 23 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 23 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 27Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
18
01/31/2004
V4.7
PAGE1 (Programmable D/A tone selection register)
7
6
5
4
3
2
1
0
DAT7
DAT6
DAT5
DAT4
DAT3
DAT2
DAT1
DAT0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0 ~ Bit 7 (DAT0 ~ DAT7) : D/A tone output frequency selection
The programmable D/A tone output frequency = 447829Hz / Mi / 32, where Mi = DAT7 ~ DAT0 = 1 ~ 255
When Mi = DAT7 ~ DAT0 = 0 or DAT/DAD(IOCA PAGE1 Bit 7) = 0, the D/A tone output generation
circuit will be disabled. It is specially used for CTCSS tone generation. Also refer to DAC for details.
DAC Tone
Gen.
fm =
447.829kHz
MUX
DA7~DA0
DAT/DAD
DAT7~DAT0
to DAC input
Fig.5 Programmable DAC tone generation
For example : CTCSS tone generation table
Channel
DAT7~DAT0 D/A tone
generation
CTCSS
tone
Mi
(decimal)
Act.
Freq.
-
00000000
Disable
-
-
-
1
11010001
Enable
67.0
209
66.960
2
11001010
69.3
202
69.280
3
11000011
71.9
195
71.767
4
10111100
74.4
188
74.440
5
10110110
77.0
182
76.894
6
10110000
79.7
176
79.515
7
10101010
82.5
170
82.322
8
10100100
85.4
164
85.333
9
10011110
88.5
158
88.574
10
10011001
91.5
153
91.468
11
10010100
94.8
148
94.558
12
10010000
97.4
144
97.185
13
10001100
100.0
140
99.962
14
10000111
103.5
135
103.664
15
10000011
107.2
131
106.829
16
01111110
110.9
126
111.069
17
01111010
114.8
122
114.710
18
01110110
118.8
118
118.599
19
01110010
123.0
114
122.760
20
01101110
127.3
110
127.224
21
01101010
131.8
106
132.025
22
01100111
136.5
103
135.870
23
01100011
141.3
99
141.360
24
01100000
146.2
96
145.778
25
01011100
151.4
92
152.116
26
01011001
156.7
89
157.243
27
01011000
159.8
88
159.030
28
01010110
162.2
86
162.729
29
01010011
167.9
83
168.610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com