Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
11
01/31/2004
V4.7
Please refer to VII.1 Operational registers for detail R PAGE register configuration.
R4 (RAM selection for common registers R20 ~ R3F))
(RAM selection register)
7
6
5
4
3
2
1
0
RB1
RB0
RSR5
RSR4
RSR3
RSR2
RSR1
RSR0
R/W-0
R/W-0
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 5 (RSR0 ~ RSR5) : Indirect addressing for common registers R20 ~ R3F
RSR bits are used to select up to 32 registers (R20 to R3F) in the indirect addressing mode.
Bit 6 ~ Bit 7 (RB0 ~ RB1) : Bank selection bits for common registers R20 ~ R3F
These selection bits are used to determine which bank is activated among the 4 banks for 32 register (R20 to
R3F)..
Please refer to VII.1 Operational Registers for details.
R5 (PORT5 I/O data, Program page selection, LCD address)
PAGE0 (PORT5 I/O data register, Program page register)
7
6
5
4
3
2
1
0
P57
P56
P55
-
PS3
PS2
PS1
PS0
R/W
R/W
R/W
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 3 (PS0 ~ PS3) : Program page selection bits
PS3
PS2
PS1
PS0
Program memory page (Address)
0
0
0
0
Page 0
0
0
0
1
Page 1
0
0
1
0
Page 2
0
0
1
1
Page 3
:
:
:
:
:
:
:
:
:
:
1
1
1
0
Page 14
1
1
1
1
Page 15
User can use PAGE instruction to change page to maintain program page by user. Otherwise, user can use
far jump (FJMP) or far call (FCALL) instructions to program user's code. And the program page is
maintained by EMC's complier. It will change user's program by inserting instructions within program.
Bit 4 : (undefined) not allowed to use
Bit 5 ~ Bit 7 (P55 ~ P57) : 8-bit PORT5(5~7) I/O data register
User can use IOC register to define input or output each bit.
PAGE1 (LCD address)
7
6
5
4
3
2
1
0
-
-
-
-
LCDA3
LCDA2
LCDA1
LCDA0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 3 (LCDA0 ~ LCDA3) : LCD address for LCD RAM read or write
The address of the LCD RAM correspond to the COMMON and SEGMENT signals as the table.
COM3 ~ COM0
LCD address
(LCDA3 ~ LCDA0)
SEG1, SEG0
00H
SEG3, SEG2
01H
SEG5, SEG4
02H
SEG7, SEG6
03H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com