Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
30
01/31/2004
V4.7
Bit 6(P66S) : Select modulation transmitting output pin of CTCSS or I/O PORT66 pin
0
P66 (I/O PORT66) pin is selected
1
MTX (Modulation transmitting output of CTCSS) pin is selected
Bit 7(AMUTE) : Audio mute for MIC AMP of CTCSS block
0
Voice transmitting path from MIC AMP output
1
Audio mute from MIC AMP output
Refer to Fig.19 CTCSS block for details.
IOC7 (PORT7 I/O control, PORT7 pull high control)
PAGE0 (PORT7 I/O control register)
7
6
5
4
3
2
1
0
IOC77
IOC76
IOC75
IOC74
IOC73
IOC72
IOC71
IOC70
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0 ~ Bit 7 (IOC70 ~ IOC77) : PORT7(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 (PORT7 pull high control register)
7
6
5
4
3
2
1
0
PH77
PH76
PH75
PH74
PH73
PH72
PH71
PH70
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 7 (PH70 ~ PH77) : PORT7 bit0~bit7 pull high control register
0
disable pull high function.
1
enable pull high function
IOC8 (PORT8 I/O control, PORT8 pull high control)
PAGE0 (PORT8 I/O control register)
7
6
5
4
3
2
1
0
IOC87
IOC86
IOC85
IOC84
IOC83
IOC82
IOC81
IOC80
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0 ~ Bit 7 (IOC80 ~ IOC87) : PORT8(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 (PORT8 pull high control register)
7
6
5
4
3
2
1
0
PH87
PH86
PH85
PH84
PH83
PH82
PH81
PH80
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 7 (PH80 ~ PH87) : PORT8 bit0~bit7 pull high control register
0
disable pull high function.
1
enable pull high function
IOC9 (PORT9 I/O control, PORT9 switches)
PAGE0 (PORT9 I/O control register)
7
6
5
4
3
2
1
0
IOC97
IOC96
IOC95
IOC94
IOC93
IOC92
IOC91
IOC90
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com