Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 27 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 27 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 31Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
22
01/31/2004
V4.7
Fig.6 Block diagram of TCC WDT
IOC5 (PORT5 I/O control, LCD bias control, Comparator control)
PAGE0 (LCD bias control bits)
7
6
5
4
3
2
1
0
IOC57
IOC56
IOC55
-
BIAS3
BIAS2
BIAS1
BIAS0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 3 (BIAS0 ~ BIAS3) : LCD operation voltage selection. V1 = VDD * (1 - n/60)
BIAS3
BIAS2
BIAS1
BIAS0
Vop (=VDD-VLCD)
Example (VDD = 3V)
0
0
0
0
VDD * (1-0/60)
3V
0
0
0
1
VDD * (1-1/60)
2.95V
0
0
1
0
VDD * (1-2/60)
2.90V
0
0
1
1
VDD * (1-3/60)
2.85V
0
1
0
0
VDD * (1-4/60)
2.80V
:
:
:
:
:
:
1
1
0
1
VDD * (1-13/60)
2.35V
1
1
1
0
VDD * (1-14/60)
2.30V
1
1
1
1
VDD * (1-15/60)
2.25V
Bit 4 : (undefined) not allowed to use
Bit 5 ~ Bit 7 (IOC55 ~ IOC57) : PORT5(5~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
16.38KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com