Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL12032 Datasheet (PDF) - Renesas Technology Corp

ISL12032 Datasheet PDF - Renesas Technology Corp
Part # ISL12032
Download  ISL12032 Download
File Size   1010.72 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up

ISL12032 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL12032 Datasheet PDF - Renesas Technology Corp

Part # ISL12032
Download  ISL12032 Click to download

File Size   1010.72 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up

ISL12032 Datasheet (HTML) - Renesas Technology Corp


ISL12032 Product details

Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up

The ISL12032 device is a low power real time clock with 50/60 AC input for timing synchronization. It also has an oscillator utilizing an external crystal for timing back-up, clock/calendar registers, intelligent battery back-up switching, battery voltage monitor, brownout indicator, integrated trickle charger for super capacitor, single periodic or polled alarms, POR supervisory function, and up to 4 Event Detect with time stamp. There are 128 bytes of battery-backed user SRAM.

Features
• 50/60 Cycle AC as a Primary Clock Input for RTC Timing
• Redundant Crystal Clock Input Selectable by User
    - Dynamically Switch from AC Clock Input to Crystal in Case of Power Failure
• Real Time Clock/Calendar
    - Tracks Time in Hours, Minutes, Seconds and Tenths of a Second
    - Day of the Week, Day, Month, and Year
• Auto Daylight Saving Time Correction
    - Programmable Forward and Backward Dates
• Security and Event Functions
    - Event Detection with Time Stamp
    - Stores First and Last Three Event Time Stamps
• Separate FOUT Pin
    - 7 Selectable Frequency Outputs
• Dual Alarms with Hardware and Register Indicators
    - Hardware Single Event or Pulse Interrupt Mode
• Automatic Backup to Battery or Super Capacitor
    - VBAT Operation Down to 1.8V
    - 1.0µA Battery Supply Current
• Two Battery Status Monitors with Selectable Levels
    - Seven Selectable Voltages for Each Level
    - 1st Level, Trip Points from 4.675V to 2.125V
    - 2nd Level, Trip Points from 4.125V to 1.875V
• VDD Power Brownout Monitor
    - Six Selectable Trip Levels, from 4.675V to 2.295V
• Time Stamp during Power-to-Battery and Battery-to-Power Switchover
• Integrated Trickle Charger
    - Four Selectable Charging Rates
• 128 Bytes Battery-Backed User SRAM
• I2C Interface
    - 400kHz Data Transfer Rate
• Pb-free (RoHS compliant)

Applications
• Utility Meters
• Control Applications
• Security Related Applications
• Vending Machines
• White Goods
• Consumer Electronics




Similar Part No. - ISL12032

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12032 INTERSIL-ISL12032 Datasheet
348Kb / 26P
Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
April 16, 2009
ISL12032 INTERSIL-ISL12032 Datasheet
768Kb / 6P
High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12032 INTERSIL-ISL12032 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL12032IVZ INTERSIL-ISL12032IVZ Datasheet
348Kb / 26P
Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
April 16, 2009
logo
Renesas Technology Corp
ISL12032IVZ RENESAS-ISL12032IVZ Datasheet
1,010Kb / 26P
Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
More results


Similar Description - ISL12032

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
September 27, 2005
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
Low Power RTC with Battery Backed SRAM
June 22, 2006
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
October 17, 2006
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
July 15, 2010
ISL12032 INTERSIL-ISL12032 Datasheet
348Kb / 26P
Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
April 16, 2009
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
Low Power RTC with Battery Backed SRAM and Event Detection
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
Low Power RTC with Battery Backed SRAM
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
ISL12030 RENESAS-ISL12030 Datasheet
1,010Kb / 26P
Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com