Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22346 Datasheet (PDF) - Renesas Technology Corp

ISL22346 Datasheet PDF - Renesas Technology Corp
Part # ISL22346
Download  ISL22346 Download
File Size   954.1 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps

ISL22346 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22346 Datasheet PDF - Renesas Technology Corp

Part # ISL22346
Download  ISL22346 Click to download

File Size   954.1 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps

ISL22346 Datasheet (HTML) - Renesas Technology Corp


ISL22346 Product details

The ISL22346 integrates four digitally controlled potentiometers (DCP) and non-volatile memory on a monolithic CMOS integrated circuit.

Features
• Four potentiometers in one package
• 128 resistor taps
• I2C serial interface
    - Three address pins, up to eight devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70Ω typical @ VCC = 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
• 50kΩor 10kΩ total resistance
• High reliability
    - Endurance: 1,000,000 data changes per bit per register
    - Register data retention: 50 years @ T < +55°C
• 20 Ld TSSOP or 20 Ld TQFN package
• Pb-free (RoHS compliant)




Similar Part No. - ISL22346

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
Quad Digitally Controlled Potentiometers
July 28, 2006
ISL22346 INTERSIL-ISL22346 Datasheet
586Kb / 16P
Quad Digitally Controlled Potentiometers
September 3, 2009
ISL22346 INTERSIL-ISL22346 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL22346 INTERSIL-ISL22346 Datasheet
583Kb / 16P
2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346UFRT20Z INTERSIL-ISL22346UFRT20Z Datasheet
586Kb / 16P
Quad Digitally Controlled Potentiometers
September 3, 2009
More results


Similar Description - ISL22346

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL22326 RENESAS-ISL22326 Datasheet
972Kb / 17P
Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL90841 RENESAS-ISL90841 Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C
X9250 RENESAS-X9250 Datasheet
822Kb / 20P
Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
X95840 RENESAS-X95840 Datasheet
1Mb / 13P
Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22326WM RENESAS-ISL22326WM Datasheet
205Kb / 3P
Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps
November 11, 2011
ISL22329 RENESAS-ISL22329 Datasheet
828Kb / 13P
Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
September 4, 2009
ISL22346WM RENESAS-ISL22346WM Datasheet
206Kb / 3P
Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com