Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22316 Datasheet (PDF) - Renesas Technology Corp

ISL22316 Datasheet PDF - Renesas Technology Corp
Part # ISL22316
Download  ISL22316 Download
File Size   934.15 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps

ISL22316 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22316 Datasheet PDF - Renesas Technology Corp

Part # ISL22316
Download  ISL22316 Click to download

File Size   934.15 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps

ISL22316 Datasheet (HTML) - Renesas Technology Corp


ISL22316 Product details

Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C™ Bus, 128 Taps

The ISL22316 integrates a single digitally controlled potentiometer (DCP) and non-volatile memory on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a combination of resistor elements and CMOS switches. The position of the wipers are controlled by the user through the I2C bus interface. The potentiometer has an associated volatile Wiper Register (WR) and a non-volatile Initial Value Register (IVR) that can be directly written to and read by the user. The contents of the WR controls the position of the wiper. At power-up, the device recalls the contents of the DCP’s IVR to the WR.

Features
• 128 resistor taps
• I2C serial interface
    - Two address pins, up to four devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70Ω typical @ VCC = 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
• 50kΩor 10kΩ total resistance
• High reliability
    - Endurance: 1,000,000 data changes per bit per register
    - Register data retention: 50 years @ T ≤ +55°C
• 10 Ld MSOP or 10 Ld TDFN package
• Pb-free (RoHS compliant)




Similar Part No. - ISL22316

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
Single Digitally Controlled Potentiometer XDCP
September 1, 2009
ISL22316 INTERSIL-ISL22316 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL22316 INTERSIL-ISL22316 Datasheet
605Kb / 16P
Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22316UFRT10Z INTERSIL-ISL22316UFRT10Z Datasheet
546Kb / 15P
Single Digitally Controlled Potentiometer XDCP
September 1, 2009
ISL22316UFRT10Z INTERSIL-ISL22316UFRT10Z Datasheet
605Kb / 16P
Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
More results


Similar Description - ISL22316

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23318TFUZ INTERSIL-ISL23318TFUZ Datasheet
725Kb / 19P
Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
July 26, 2011
logo
Renesas Technology Corp
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL22326 RENESAS-ISL22326 Datasheet
972Kb / 17P
Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL22346 RENESAS-ISL22346 Datasheet
954Kb / 16P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL23318 RENESAS-ISL23318 Datasheet
1,010Kb / 19P
Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22323 RENESAS-ISL22323 Datasheet
1Mb / 19P
Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com