Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL90810 Datasheet (PDF) - Renesas Technology Corp

ISL90810 Datasheet PDF - Renesas Technology Corp
Part # ISL90810
Download  ISL90810 Download
File Size   1348.28 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps

ISL90810 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL90810 Datasheet PDF - Renesas Technology Corp

Part # ISL90810
Download  ISL90810 Click to download

File Size   1348.28 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps

ISL90810 Datasheet (HTML) - Renesas Technology Corp


ISL90810 Product details

Single Digitally Controlled Potentiometer (XDCP™) Low Noise/Low Power/I2C Bus/256 Taps

The ISL90810 integrates a digitally controlled potentiometer (XDCP) on a monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with a combination of resistor elements and CMOS switches. The position of the wipers are controlled by the user through the I2C bus interface. Each potentiometer has an associated Wiper Register (WR) that can be directly written to and read by the user. The contents of the WR controls the position of the wiper. When powered on the ISL90810’s wiper will always commence at mid-scale (128 tap position).

Features
• 256 resistor taps - 0.4% resolution
• I2C serial interface with write/read capability
• Power-on preset to mid-scale (128 tap position)
• Wiper resistance: 70Ω typical @ 3.3V
• Standby current 5µA max
• Power supply: 2.7V to 5.5V
• 50kΩ, 10kΩ total resistance
• 8 Ld MSOP
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - ISL90810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
Low Noise/Low Power/I2C Bus/256 Taps
October 13, 2005
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL90810UAU8Z INTERSIL-ISL90810UAU8Z Datasheet
1Mb / 11P
Single Digitally Controlled Potentiometer
November 10, 2006
ISL90810UIU8 INTERSIL-ISL90810UIU8 Datasheet
1Mb / 11P
Low Noise/Low Power/I2C Bus/256 Taps
October 13, 2005
ISL90810UIU8 INTERSIL-ISL90810UIU8 Datasheet
1Mb / 11P
Single Digitally Controlled Potentiometer
November 10, 2006
More results


Similar Description - ISL90810

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL22424 RENESAS-ISL22424 Datasheet
1Mb / 20P
Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22323 RENESAS-ISL22323 Datasheet
1Mb / 19P
Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
ISL22343 RENESAS-ISL22343 Datasheet
1Mb / 19P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
ISL22444 RENESAS-ISL22444 Datasheet
1Mb / 19P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com