Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22319 Datasheet (PDF) - Renesas Technology Corp

ISL22319 Datasheet PDF - Renesas Technology Corp
Part # ISL22319
Download  ISL22319 Download
File Size   873.78 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only

ISL22319 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22319 Datasheet PDF - Renesas Technology Corp

Part # ISL22319
Download  ISL22319 Click to download

File Size   873.78 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only

ISL22319 Datasheet (HTML) - Renesas Technology Corp


ISL22319 Product details

Features
• 128 resistor taps
• I2C serial interface
- Two address pins, up to four devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70 typical @ 3.3V
• Shutdown mode
• Shutdown current 5μA max
• Power supply: 2.7V to 5.5V
• 50kor 10k total resistance
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ °C
• 8 Ld MSOP
• Pb-free (RoHS compliant)
T  +55




Similar Part No. - ISL22319

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22319 INTERSIL-ISL22319 Datasheet
439Kb / 13P
Single Digitally Controlled Potentiometer XDCP
September 9, 2009
ISL22319 INTERSIL-ISL22319 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL22319UFU8Z INTERSIL-ISL22319UFU8Z Datasheet
439Kb / 13P
Single Digitally Controlled Potentiometer XDCP
September 9, 2009
ISL22319WFU8Z INTERSIL-ISL22319WFU8Z Datasheet
439Kb / 13P
Single Digitally Controlled Potentiometer XDCP
September 9, 2009
More results


Similar Description - ISL22319

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22329 RENESAS-ISL22329 Datasheet
828Kb / 13P
Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
September 4, 2009
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22419 RENESAS-ISL22419 Datasheet
828Kb / 13P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
September 8, 2009
ISL22429 RENESAS-ISL22429 Datasheet
832Kb / 13P
Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI®Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22449 RENESAS-ISL22449 Datasheet
837Kb / 13P
Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com