Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22317 Datasheet (PDF) - Renesas Technology Corp

ISL22317 Datasheet PDF - Renesas Technology Corp
Part # ISL22317
Download  ISL22317 Download
File Size   848.47 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps

ISL22317 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22317 Datasheet PDF - Renesas Technology Corp

Part # ISL22317
Download  ISL22317 Click to download

File Size   848.47 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps

ISL22317 Datasheet (HTML) - Renesas Technology Corp


ISL22317 Product details

Precision Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps

The digitally controlled potentiometer is implemented with a combination of resistor elements and CMOS switches. The position of the wiper is controlled by the user through the I2C bus interface. The potentiometer has an associated volatile Wiper Register (WR) and a non-volatile Initial Value Register (IVR) that can be directly written to and read by the user. The contents of the WR control the position of the wiper. At power up, the device recalls the contents of the DCP’s IVR to the WR.

Features
• Precision Digitally Controlled Potentiometer
    - 99% Typical Accuracy Of Resistance Over Operational Conditions
    - Zero-Compensated Wiper Resistance
• Integrated Digitally Controlled Potentiometer
    - 128-Tap Positions
    - I2C Serial Interface
    - Pin Selectable Slave Address
    - 10kΩ, 50kΩ and 100kΩ Total Resistance
    - Monotonic Over-Temperature
    - Non-Volatile EEPROM Storage of Wiper Position
    - 0 to VCC Terminal Voltage
• Single 2.7V to 5.5V Supply
• High Reliability
    - 50 Years Retention @ ≤ +55°C
    - 15 Years Retention @ +125°C
    - 1,000,000 Cycles Endurance
• 3mmx3mm Thin DFN Package – 0.75mm Max Thickness, 0.65mm Pitch
• Pb-Free (RoHS Compliant)

Applications
• Setting Precise Current Values for DC Margining and Backlight Control
• Replaces Complex Compensation Circuitry That Stores Values in Look-up Tables Needed for Precise Resistor Setting
• Setting Precise Resistance Values for Test and Measurement Circuits
• Adjust Specific Resistances in Analog Circuits
• Precise Calibration and Fine Tune-Up




Similar Part No. - ISL22317

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317 INTERSIL-ISL22317 Datasheet
487Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP??
May 26, 2009
ISL22317 INTERSIL-ISL22317 Datasheet
603Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP??
April 15, 2010
ISL22317 INTERSIL-ISL22317 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL22317 INTERSIL-ISL22317 Datasheet
600Kb / 15P
Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
487Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP??
May 26, 2009
More results


Similar Description - ISL22317

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23318TFUZ INTERSIL-ISL23318TFUZ Datasheet
725Kb / 19P
Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
July 26, 2011
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL22326 RENESAS-ISL22326 Datasheet
972Kb / 17P
Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
ISL22346 RENESAS-ISL22346 Datasheet
954Kb / 16P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL23318 RENESAS-ISL23318 Datasheet
1,010Kb / 19P
Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22323 RENESAS-ISL22323 Datasheet
1Mb / 19P
Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com