Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22317 Datasheet (PDF) - Intersil Corporation

ISL22317 Datasheet PDF - Intersil Corporation
Part # ISL22317
Download  ISL22317 Download
File Size   600.41 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, I2C??Bus, 128 Taps

ISL22317 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22317 Datasheet PDF - Intersil Corporation

Part # ISL22317
Download  ISL22317 Click to download

File Size   600.41 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, I2C??Bus, 128 Taps

ISL22317 Datasheet (HTML) - Intersil Corporation


ISL22317 Product details

The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wiper is controlled by the user through the I2C
bus interface. The potentiometer has an associated volatile
Wiper Register (WR) and a non-volatile Initial Value Register
(IVR) that can be directly written to and read by the user. The
contents of the WR control the position of the wiper. At
power up, the device recalls the contents of the DCP’s IVR
to the WR.
The highly precise ISL22317 features a low end-to-end
temperature coefficient of TC_Ref ±10ppm/°C and precise
resistance selection. It maintains less than ±1% typical
variance from the ideal resistance at each wiper position
providing 99% accuracy of selected resistance value. This
highly accurate DCP eliminates the need for complex
algorithms to guarantee precision. The ISL22317 allows the
user to dial in an accurate resistance and the EEPROM
memory stores the set value for life, or until changed by the
user.
An external 0.5% or better reference resistor must be
attached to the ISL22317. The ISL22317 will mirror both the
precise resistance and temperature coefficient of the
external resistor.
The DCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.

Features
• Precision Digitally Controlled Potentiometer
- 99% Typical Accuracy Of Resistance Over Operational
Conditions
- Zero-Compensated Wiper Resistance
• Integrated Digitally Controlled Potentiometer
- 128-Tap Positions
- I2C Serial Interface
- Pin Selectable Slave Address
- 10kΩ, 50kΩ and 100kΩTotal Resistance
- Monotonic Over-Temperature
- Non-Volatile EEPROM Storage of Wiper Position
- 0 to VCC Terminal Voltage
• Single 2.7V to 5.5V Supply
• High Reliability
- 50 Years Retention @ ≤ +55°C
- 15 Years Retention @ +125°C
- 1,000,000 Cycles Endurance
• 3mmx3mm Thin DFN Package – 0.75mm Max Thickness,
0.65mm Pitch
• Pb-Free (RoHS Compliant)

Applications
• Setting Precise Current Values for DC Margining and
Backlight Control
• Replaces Complex Compensation Circuitry That Stores
Values in Look-up Tables Needed for Precise Resistor
Setting
• Setting Precise Resistance Values for Test and
Measurement Circuits
• Adjust Specific Resistances in Analog Circuits
• Precise Calibration and Fine Tune-Up




Similar Part No. - ISL22317

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317 INTERSIL-ISL22317 Datasheet
487Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP??
May 26, 2009
ISL22317 INTERSIL-ISL22317 Datasheet
603Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP??
April 15, 2010
ISL22317 INTERSIL-ISL22317 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
487Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP??
May 26, 2009
More results


Similar Description - ISL22317

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
December 17, 2007
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
Low Noise, Low Power, I2C짰 Bus, 128 Taps
December 17, 2007
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
December 17, 2007
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
Low Noise, Low Power, SPI Bus, 128 Taps
September 8, 2009
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com