Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22317 Datasheet (PDF) - Intersil Corporation

ISL22317 Datasheet PDF - Intersil Corporation
Part # ISL22317
Download  ISL22317 Download
File Size   487.0 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Single Digitally Controlled Potentiometer (XDCP??

ISL22317 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22317 Datasheet PDF - Intersil Corporation

Part # ISL22317
Download  ISL22317 Click to download

File Size   487.0 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Single Digitally Controlled Potentiometer (XDCP??

ISL22317 Datasheet (HTML) - Intersil Corporation


ISL22317 Product details

Low Noise, Low Power, I2C™ Bus, 128 Taps

The digitally controlled potentiometer is implemented with a combination of resistor elements and CMOS switches. The position of the wiper is controlled by the user through the I2C bus interface. The potentiometer has an associated volatile Wiper Register (WR) and a non-volatile Initial Value Register (IVR) that can be directly written to and read by the user. The contents of the WR control the position of the wiper. At power up, the device recalls the contents of the DCP’s IVR to the WR.

Features
• Precision Digitally Controlled Potentiometer
    - 99% Typical Accuracy Of Resistance Over Operational Conditions
    - Zero-Compensated Wiper Resistance
• Integrated Digitally Controlled Potentiometer
    - 128-Tap Positions
    - I2C Serial Interface
    - Pin Selectable Slave Address
    - 10kΩ, 50kΩ and 100kΩTotal Resistance
    - Monotonic Over-Temperature
    - Non-Volatile EEPROM Storage of Wiper Position
    - 0 to VCC Terminal Voltage
• Single 2.7V to 5.5V Supply
• High Reliability
    - 50 Years Retention @ ≤ +55°C
    - 15 Years Retention @ +125°C
    - 1,000,000 Cycles Endurance
• 3mmx3mm Thin DFN Package – 0.75mm Max Thickness, 0.65mm Pitch
• Pb-Free (RoHS Compliant)

Applications
• Setting Precise Current Values for DC Margining and Backlight Control
• Replaces Complex Compensation Circuitry That Stores Values in Look-up Tables Needed for Precise Resistor Setting
• Setting Precise Resistance Values for Test and Measurement Circuits
• Adjust Specific Resistances in Analog Circuits
• Precise Calibration and Fine Tune-Up




Similar Part No. - ISL22317

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317 INTERSIL-ISL22317 Datasheet
603Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP??
April 15, 2010
ISL22317 INTERSIL-ISL22317 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22317 INTERSIL-ISL22317 Datasheet
600Kb / 15P
Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
603Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP??
April 15, 2010
More results


Similar Description - ISL22317

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
X9279 XICOR-X9279 Datasheet
398Kb / 24P
Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP)
October 7, 2005
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
September 23, 2005
ISL22317 INTERSIL-ISL22317_10 Datasheet
603Kb / 15P
Precision Single Digitally Controlled Potentiometer (XDCP??
April 15, 2010
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
Single Digitally Controlled Potentiometer XDCP
September 1, 2009
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
Single Digitally-Controlled (XDCP?? Potentiometer
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
Single Digitally Controlled Potentiometer (XDCP??
November 21, 2007
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
Single Digitally-Controlled (XDCP ??) Potentiometer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com