Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22316 Datasheet (PDF) - Intersil Corporation

ISL22316 Datasheet PDF - Intersil Corporation
Part # ISL22316
Download  ISL22316 Download
File Size   605.15 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power I2C??Bus,128 Taps

ISL22316 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22316 Datasheet PDF - Intersil Corporation

Part # ISL22316
Download  ISL22316 Click to download

File Size   605.15 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power I2C??Bus,128 Taps

ISL22316 Datasheet (HTML) - Intersil Corporation


ISL22316 Product details

The ISL22316 integrates a single digitally controlled
potentiometer (DCP) and non-volatile memory on a
monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I
2C bus interface. The potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR controls the position of the
wiper. At power-up, the device recalls the contents of the
DCP’s IVR to the WR.
The DCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.

Features
• 128 resistor taps
• I2C serial interface
- Two address pins, up to four devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70 typical @ VCC = 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
• 50kor 10k total resistance
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T  +55°C
• 10 Ld MSOP or 10 Ld TDFN package
• Pb-free (RoHS compliant)




Similar Part No. - ISL22316

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
Single Digitally Controlled Potentiometer XDCP
September 1, 2009
ISL22316 INTERSIL-ISL22316 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22316UFRT10Z INTERSIL-ISL22316UFRT10Z Datasheet
546Kb / 15P
Single Digitally Controlled Potentiometer XDCP
September 1, 2009
logo
Renesas Technology Corp
ISL22316UFRT10Z RENESAS-ISL22316UFRT10Z Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results


Similar Description - ISL22316

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
December 17, 2007
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
Low Noise, Low Power, I2C짰 Bus, 128 Taps
December 17, 2007
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
December 17, 2007
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
Low Noise, Low Power, SPI Bus, 128 Taps
September 8, 2009
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com