Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP196WN Datasheet (PDF) - Infineon Technologies AG

BFP196WN Datasheet PDF - Infineon Technologies AG
Part # BFP196WN
Download  BFP196WN Download
File Size   644.65 Kbytes
Page   19 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low noise silicon bipolar RF transistor

BFP196WN Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP196WN Datasheet PDF - Infineon Technologies AG

Part # BFP196WN
Download  BFP196WN Click to download

File Size   644.65 Kbytes
Page   19 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low noise silicon bipolar RF transistor

BFP196WN Datasheet (HTML) - Infineon Technologies AG


BFP196WN Product details

Product description
• NPN silicon planar epitaxial transistor in 4-pin dual-emitter SOT343 package for low noise and low distortion wideband amplifiers. This RF transistor benefits from Infineon long-term experience in RF components and combines ease-of-use to stable volumes production, at benchmark quality and reliability.

Features
• For high voltage applications VCE < 12 V
• Maximal power Ptot = 700 mW
• Transition frequency fT = 7.5 GHz
• Noise figure NFmin = 1.3 dB at 900 MHz
• Easy to use Pb-free (RoHS compliant) and halogen-free industry
   standard SOT343 package with visible leads

Application
• GNSS active antenna
• Amplifiers in antenna and telecommunications systems
• CATV
• Power amplifier for DECT and PCN systems




Similar Part No. - BFP196WN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
logo
Infineon Technologies A...
BFP196W INFINEON-BFP196W Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Jun-22-2001
BFP196W INFINEON-BFP196W Datasheet
83Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP196W INFINEON-BFP196W Datasheet
552Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
logo
Inchange Semiconductor ...
BFP196W ISC-BFP196W Datasheet
281Kb / 2P
isc Silicon NPN RF Transistor
More results


Similar Description - BFP196WN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2015-10-12
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com