Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP196W Datasheet (PDF) - Infineon Technologies AG

BFP196W Datasheet PDF - Infineon Technologies AG
Part # BFP196W
Download  BFP196W Download
File Size   79.27 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFP196W Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP196W Datasheet PDF - Infineon Technologies AG

Part # BFP196W
Download  BFP196W Click to download

File Size   79.27 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFP196W Datasheet (HTML) - Infineon Technologies AG


BFP196W Product details

NPN Silicon RF Transistor*

• For low noise, low distortion broadband
    amplifiers in antenna and telecommunications
    systems up to 1.5 GHz at collector currents from
    20 mA to 80 mA
• Power amplifier for DECT and PCN systems
• fT = 7.5 GHz, F = 1.3 dB at 900 MHz
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
* Short term description




Similar Part No. - BFP196W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
logo
Infineon Technologies A...
BFP196W INFINEON-BFP196W Datasheet
83Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP196W INFINEON-BFP196W Datasheet
552Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
logo
Inchange Semiconductor ...
BFP196W ISC-BFP196W Datasheet
281Kb / 2P
isc Silicon NPN RF Transistor
logo
Infineon Technologies A...
BFP196WN INFINEON-BFP196WN Datasheet
644Kb / 19P
Low noise silicon bipolar RF transistor
Revision 1.0 2017-01-20
More results


Similar Description - BFP196W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com