Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP450 Datasheet (PDF) - Infineon Technologies AG

BFP450 Datasheet PDF - Infineon Technologies AG
Part # BFP450
Download  BFP450 Download
File Size   74.55 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFP450 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP450 Datasheet PDF - Infineon Technologies AG

Part # BFP450
Download  BFP450 Click to download

File Size   74.55 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFP450 Datasheet (HTML) - Infineon Technologies AG


BFP450 Product details

Product Brief
The BFP450 is a high linearity wideband NPN bipolar RF transistor. The collector design supports voltages up to VCEO = 4.5 V and currents up to IC = 170 mA. With its high linearity at currents as low as 50 mA the device supports energy efficient designs. The typical transition frequency is approximately 24 GHz, hence the device offers high power gain at frequencies up to 3 GHz in amplifier applications. The device is housed in an easy to use plastic package with visible leads.

Features
• Highly linear low noise driver amplifier for all RF frontends up to 3 GHz
• Based on Infineon´s reliable high volume 25 GHz silicon bipolar technology
• Output compression point OP1dB = 19 dBm at 90 mA, 3 V, 1.9 GHz, 50 Ω system
• Output 3rd order intermodulation point OIP3 = 31 dBm at 90 mA, 3 V, 1.9 GHz, 50 Ω system
• Maximum available gain Gma = 15.5 dB at 50 mA, 3 V, 1.9 GHz
• Minimum noise figure NFmin = 1.7 dB at 50 mA, 3 V, 1.9 GHz
• Pb-free (RoHS compliant) and halogen-free package with visible leads
• Qualification report according to AEC-Q101 available

Applications Examples
   Driver amplifier
   • ISM bands 434 and 868 MHz
   • 1.9 GHz cordless phones
   • CATV LNA
  
   Transmitter driver amplifier
   • 2.4 GHz WLAN and Bluetooth
  
   Output stage LNA for active antennas
   • TV, GPS, SDARS, 2.4 GHz WLAN, etc
  
   Suitable for 3 - 5.5 GHz oscillators
  




Similar Part No. - BFP450

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP450 SIEMENS-BFP450 Datasheet
49Kb / 8P
NPN Silicon RF Transistor (For medium power amplifiers)
logo
Infineon Technologies A...
BFP450 INFINEON-BFP450 Datasheet
1Mb / 27P
High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
BFP450 INFINEON-BFP450 Datasheet
1Mb / 28P
Linear Low Noise Silicon Bipolar RF Transistor
Revision 1.2, 2013-07-29
BFP450H6327 INFINEON-BFP450H6327 Datasheet
1Mb / 28P
High Linearity Silicon Bipolar RF Transistor
Revision 1.1, 2012-09-11
BFP450 INFINEON-BFP450_10 Datasheet
1Mb / 27P
High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
More results


Similar Description - BFP450

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
BFP540F INFINEON-BFP540F Datasheet
189Kb / 6P
NPN Silicon RF Transistor
Jan-28-2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com