Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP450 Datasheet (PDF) - Siemens Semiconductor Group

BFP450 Datasheet PDF - Siemens Semiconductor Group
Part # BFP450
Download  BFP450 Download
File Size   49.87 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For medium power amplifiers)

BFP450 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP450 Datasheet PDF - Siemens Semiconductor Group

Part # BFP450
Download  BFP450 Click to download

File Size   49.87 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For medium power amplifiers)

BFP450 Datasheet (HTML) - Siemens Semiconductor Group


BFP450 Product details

NPN Silicon RF Transistor

• For medium power amplifiers
• Compression point P-1dB = +19 dBm at 1.8 GHz
   maximum available gain Gma = 14 dB at 1.8 GHz
   Noise figure F = 1.25 dB at 1.8 GHz
• Transition frequency fT = 24 GHz
• Gold metalization for high reliability
• SIEGET ® 25 - Line
   Siemens Grounded Emitter Transistor
   25 GHz fT - Line




Similar Part No. - BFP450

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP450 INFINEON-BFP450 Datasheet
1Mb / 27P
High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
BFP450 INFINEON-BFP450 Datasheet
1Mb / 28P
Linear Low Noise Silicon Bipolar RF Transistor
Revision 1.2, 2013-07-29
BFP450H6327 INFINEON-BFP450H6327 Datasheet
1Mb / 28P
High Linearity Silicon Bipolar RF Transistor
Revision 1.1, 2012-09-11
BFP450 INFINEON-BFP450_10 Datasheet
1Mb / 27P
High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
More results


Similar Description - BFP450

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
18Kb / 2P
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
logo
Micro Electronics
2N3019 MICRO-ELECTRONICS-2N3019 Datasheet
144Kb / 2P
NPN SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
2N3107 MICRO-ELECTRONICS-2N3107 Datasheet
143Kb / 2P
NPN SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
BC140 MICRO-ELECTRONICS-BC140 Datasheet
144Kb / 2P
NPN SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Seme LAB
BFY50 SEME-LAB-BFY50_02 Datasheet
43Kb / 2P
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Renesas Technology Corp
2SC5509 RENESAS-2SC5509 Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com