Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5750 Datasheet (PDF) - Renesas Technology Corp

2SC5750 Datasheet PDF - Renesas Technology Corp
Part # 2SC5750
Download  2SC5750 Download
File Size   216.3 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION

2SC5750 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5750 Datasheet PDF - Renesas Technology Corp

Part # 2SC5750
Download  2SC5750 Click to download

File Size   216.3 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION

2SC5750 Datasheet (HTML) - Renesas Technology Corp


2SC5750 Product details

FEATURES
• Ideal for medium output power amplification
• PO (1 dB) = 15.0 dBm TYP. @ VCE = 2.8 V, f = 1.8 GHz, Pin = 1 dBm
• HFT3 technology (fT = 12 GHz) adopted
• High reliability through use of gold electrodes
• 4-pin super minimold package




Similar Part No. - 2SC5750

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
More results


Similar Description - 2SC5750

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP450 SIEMENS-BFP450 Datasheet
49Kb / 8P
NPN Silicon RF Transistor (For medium power amplifiers)
logo
Panasonic Semiconductor
2SC4545 PANASONIC-2SC4545 Datasheet
81Kb / 4P
For Medium Output Power Amplification
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
logo
Renesas Technology Corp
2SC5509 RENESAS-2SC5509 Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com