Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5754 Datasheet (PDF) - California Eastern Labs

2SC5754 Datasheet PDF - California Eastern Labs
Part # 2SC5754
Download  2SC5754 Download
File Size   1935.44 Kbytes
Page   12 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)

2SC5754 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5754 Datasheet PDF - California Eastern Labs

Part # 2SC5754
Download  2SC5754 Click to download

File Size   1935.44 Kbytes
Page   12 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)

2SC5754 Datasheet (HTML) - California Eastern Labs


2SC5754 Product details

NPN SILICON RF TRANSISTOR FOR
MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)

FEATURES
• Ideal for 460 MHz to 2.4 GHz medium output power amplification
• PO (1 dB) = 26.0 dBm TYP. @ VCE = 3.6 V, f = 1.8 GHz, Pin = 15 dBm
• High collector efficiency: ηC = 60%
• UHS0-HV technology (fT = 25 GHz) adopted
• High reliability through use of gold electrodes
• Flat-lead 4-pin thin-type super minimold (M04) package




Similar Part No. - 2SC5754

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5754 NEC-2SC5754 Datasheet
89Kb / 13P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
Renesas Technology Corp
2SC5754 RENESAS-2SC5754 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR
2003
logo
NEC
2SC5754-T2 NEC-2SC5754-T2 Datasheet
89Kb / 13P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
Renesas Technology Corp
2SC5754-T2 RENESAS-2SC5754-T2 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR
2003
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
More results


Similar Description - 2SC5754

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5754 NEC-2SC5754 Datasheet
89Kb / 13P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
logo
Renesas Technology Corp
2SC5509 RENESAS-2SC5509 Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com