Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5509 Datasheet (PDF) - Renesas Technology Corp

2SC5509 Datasheet PDF - Renesas Technology Corp
Part # 2SC5509
Download  2SC5509 Download
File Size   231.72 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE

2SC5509 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5509 Datasheet PDF - Renesas Technology Corp

Part # 2SC5509
Download  2SC5509 Click to download

File Size   231.72 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE

2SC5509 Datasheet (HTML) - Renesas Technology Corp


2SC5509 Product details

NPN SILICON RF TRANSISTOR

FOR MEDIUM OUTPUT POWER, LOW-NOISE, HIGH-GAIN AMPLIFICATION

FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)



FEATURES

•  Ideal for medium output power amplification

•  NF = 1.2 dB TYP., Ga= 12 dB TYP. @ VCE= 2 V, IC= 10 mA, f = 2 GHz

•  Maximum available power gain: MAG = 14 dB TYP. @ VCE= 2 V, IC= 50 mA, f = 2 GHz

•  fT= 25 GHz technology adopted

•  Flat-lead 4-pin thin-type super minimold (M04) package




Similar Part No. - 2SC5509

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5509 NEC-2SC5509 Datasheet
82Kb / 15P
NPN SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC5509 CEL-2SC5509 Datasheet
1Mb / 10P
NPN SILICON RF TRANSISTOR
logo
NEC
2SC5509-T2 NEC-2SC5509-T2 Datasheet
82Kb / 15P
NPN SILICON RF TRANSISTOR
More results


Similar Description - 2SC5509

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP450 SIEMENS-BFP450 Datasheet
49Kb / 8P
NPN Silicon RF Transistor (For medium power amplifiers)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
logo
Advanced Semiconductor
NE64535 ASI-NE64535 Datasheet
18Kb / 2P
NPN SILICON LOW NOISE RF TRANSISTOR
REV. A
logo
Siemens Semiconductor G...
2N6620 SIEMENS-2N6620 Datasheet
90Kb / 4P
NPN SILICON TRANSISTOR FOR LOW NOISE RF BROADBAND AMPLIFIER
logo
Advanced Semiconductor
ALN64535 ASI-ALN64535 Datasheet
21Kb / 1P
NPN SILICON LOW NOISE RF TRANSISTOR
ALN68135 ASI-ALN68135 Datasheet
21Kb / 1P
NPN SILICON LOW NOISE RF TRANSISTOR
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
2SC5800 RENESAS-2SC5800 Datasheet
109Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
July 2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com