Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5509 Datasheet (PDF) - NEC

2SC5509 Datasheet PDF - NEC
Part # 2SC5509
Download  2SC5509 Download
File Size   82.51 Kbytes
Page   15 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON RF TRANSISTOR

2SC5509 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5509 Datasheet PDF - NEC

Part # 2SC5509
Download  2SC5509 Click to download

File Size   82.51 Kbytes
Page   15 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON RF TRANSISTOR

2SC5509 Datasheet (HTML) - NEC


2SC5509 Product details

NPN SILICON RF TRANSISTOR
FORMEDIUM OUTPUT POWER
LOW NOISE  HIGH-GAIN AMPLIFICATION
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD

FEATURES
• Ideal for medium output power amplification
• NF = 1.2 dB TYP., Ga= 12 dB TYP. @ VCE= 2 V, IC= 10 mA, f = 2 GHz
• Maximum available power gain: MAG = 14 dB TYP. @ VCE= 2 V, IC= 50 mA, f = 2 GHz
• fT= 25 GHz technology adopted
• Flat-lead 4-pin thin-type super minimold package




Similar Part No. - 2SC5509

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5509 RENESAS-2SC5509 Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
logo
California Eastern Labs
2SC5509 CEL-2SC5509 Datasheet
1Mb / 10P
NPN SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC5509-A RENESAS-2SC5509-A Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
2SC5509-T2 RENESAS-2SC5509-T2 Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
2SC5509-T2-A RENESAS-2SC5509-T2-A Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
More results


Similar Description - 2SC5509

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com