Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP460 Datasheet (PDF) - Infineon Technologies AG

BFP460 Datasheet PDF - Infineon Technologies AG
Part # BFP460
Download  BFP460 Download
File Size   134.43 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFP460 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP460 Datasheet PDF - Infineon Technologies AG

Part # BFP460
Download  BFP460 Click to download

File Size   134.43 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFP460 Datasheet (HTML) - Infineon Technologies AG


BFP460 Product details

Product description
The BFP460 is a low noise device based on a grounded emitter (SIEGET™) that is part of Infineon’s established fourth generation RF bipolar transistor family. Its transition frequency fT of 22 GHz, low current and high robustness characteristics make the device suitable for amplifiers. It remains cost competitive without compromising on ease of use.

Feature list
• Minimum noise figure NFmin = 1.1 dB at 1.8 GHz, 3 V, 5 mA
• High gain Gms = 17.5 dB at 1.8 GHz, 3 V, 20 mA
• OIP3 = 27.5 dBm at 1.8 GHz, 3 V, 20 mA
• High ESD robustness, typical 1.5 kV (HBM)

Potential applications
• Amplifier for remote keyless entry (RKE)
• Broadband low noise amplifiers (LNAs) for CATV, DVB-T, DAB/DMB and FM/AM radio
• LNAs for sub-1 GHz ISM band applications




Similar Part No. - BFP460

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP460 INFINEON-BFP460 Datasheet
623Kb / 11P
NPN Silicon RF Transistor
2010-05-17
BFP460 INFINEON-BFP460 Datasheet
623Kb / 11P
NPN Silicon RF Transistor
2010-05-17
BFP460H6327 INFINEON-BFP460H6327 Datasheet
623Kb / 11P
NPN Silicon RF Transistor
2010-05-17
BFP460 INFINEON-BFP460_10 Datasheet
623Kb / 11P
NPN Silicon RF Transistor
2010-05-17
BFP460 INFINEON-BFP460_13 Datasheet
656Kb / 10P
Low Noise Silicon Bipolar RF Transistor
2013-09-13
More results


Similar Description - BFP460

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP540F INFINEON-BFP540F Datasheet
189Kb / 6P
NPN Silicon RF Transistor
Jan-28-2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com