Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5754 Datasheet (PDF) - NEC

2SC5754 Datasheet PDF - NEC
Part # 2SC5754
Download  2SC5754 Download
File Size   89.38 Kbytes
Page   13 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)

2SC5754 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5754 Datasheet PDF - NEC

Part # 2SC5754
Download  2SC5754 Click to download

File Size   89.38 Kbytes
Page   13 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)

2SC5754 Datasheet (HTML) - NEC


2SC5754 Product details

NPN SILICON RF TRANSISTOR FOR
MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)

FEATURES
• Ideal for 460 MHz to 2.4 GHz medium output power amplification
• PO (1 dB) = 26.0 dBm TYP. @ VCE = 3.6 V, f = 1.8 GHz, Pin = 15 dBm
• High collector efficiency: ηC = 60%
• UHS0-HV technology (fT = 25 GHz) adopted
• High reliability through use of gold electrodes
• Flat-lead 4-pin thin-type super minimold (M04) package




Similar Part No. - 2SC5754

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5754 RENESAS-2SC5754 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR
2003
2SC5754-T2 RENESAS-2SC5754-T2 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR
2003
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
More results


Similar Description - 2SC5754

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
2SC5751 RENESAS-2SC5751_15 Datasheet
217Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com