Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5754 Datasheet(PDF) 4 Page - NEC

Part # 2SC5754
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5754 Datasheet(HTML) 4 Page - NEC

  2SC5754 Datasheet HTML 1Page - NEC 2SC5754 Datasheet HTML 2Page - NEC 2SC5754 Datasheet HTML 3Page - NEC 2SC5754 Datasheet HTML 4Page - NEC 2SC5754 Datasheet HTML 5Page - NEC 2SC5754 Datasheet HTML 6Page - NEC 2SC5754 Datasheet HTML 7Page - NEC 2SC5754 Datasheet HTML 8Page - NEC 2SC5754 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet PU10008EJ02V0DS
4
2SC5754
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°°°°C)
f = 1 MHz
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
2.0
1.5
1.0
0.5
01
3
4
25
1 000
100
10
10
1
100
1 000
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 3 V
VCE = 3 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
1 000
100
10
0.1
0.01
1
0.001
0.7
0.6
0.5
0.8
0.9
1.0
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
450
250
200
150
400
350
300
100
50
02
14
5
36
IB = 0.5 mA
1 mA
2 mA
3 mA
4 mA
5 mA
6 mA
7 mA
IB : 0.5 mA step
1 000
800
600
400
735
205
200
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Mounted on Polyimide PCB
(38
× 38 mm, t = 0.4 mm)
Stand alone device
in free air



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com