Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5761 Datasheet (PDF) - NEC

2SC5761 Datasheet PDF - NEC
Part # 2SC5761
Download  2SC5761 Download
File Size   81.5 Kbytes
Page   14 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)

2SC5761 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5761 Datasheet PDF - NEC

Part # 2SC5761
Download  2SC5761 Click to download

File Size   81.5 Kbytes
Page   14 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)

2SC5761 Datasheet (HTML) - NEC


2SC5761 Product details

NPN SiGe RF TRANSISTOR FOR
LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)

FEATURES
• Ideal for low noise ⋅ high-gain amplification
   NF = 0.9 dB TYP. @ VCE = 2 V, IC = 5 mA, f = 2 GHz
• Maximum stable power gain: MSG = 20.0 dB TYP. @ VCE = 2 V, IC = 20 mA, f = 2 GHz
• SiGe technology (fT = 60 GHz, fmax = 60 GHz)
• Flat-lead 4-pin thin-type super minimold (M04) package




Similar Part No. - 2SC5761

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
2SC5761-T2 RENESAS-2SC5761-T2 Datasheet
305Kb / 16P
NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
More results


Similar Description - 2SC5761

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5507 NEC-2SC5507 Datasheet
91Kb / 12P
NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5508 NEC-2SC5508 Datasheet
106Kb / 16P
NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
NE661M04 NEC-NE661M04 Datasheet
70Kb / 7P
NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5754 NEC-2SC5754 Datasheet
89Kb / 13P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
NESG2021M16 NEC-NESG2021M16 Datasheet
120Kb / 12P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
NESG2031M16 NEC-NESG2031M16 Datasheet
119Kb / 12P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
NESG2021M16 CEL-NESG2021M16 Datasheet
861Kb / 11P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
NESG210719 CEL-NESG210719 Datasheet
1Mb / 9P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN Amplification 3-Pin Ultra Super Minimold (19, 1608 PKG)
logo
Renesas Technology Corp
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com