Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP450 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFP450
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFP450 Datasheet HTML 1Page - Infineon Technologies AG BFP450 Datasheet HTML 2Page - Infineon Technologies AG BFP450 Datasheet HTML 3Page - Infineon Technologies AG BFP450 Datasheet HTML 4Page - Infineon Technologies AG BFP450 Datasheet HTML 5Page - Infineon Technologies AG BFP450 Datasheet HTML 6Page - Infineon Technologies AG BFP450 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BFP450
SIEGET25
Aug-20-2001
3
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
0.13125
fA
VAF =
24.165
V
NE =
1.5563
-
VAR =
13.461
V
NC =
0.70543
-
RBM =
2.1659

CJE =
3.2276
fF
TF =
7.5068
ps
ITF =
0.017655
mA
VJC =
1.1487
V
TR =
2.6912
ns
MJS =
0-
XTI =
3
-
BF =
76.123
-
IKF =
0.58905
A
BR =
21.254
-
IKR =
0.25878
A
RB =
5.403

RE =
0.45346
VJE =
0.95292
V
XTF =
0.69972
-
PTF =
0
deg
MJC =
0.50644
-
CJS =
0F
XTB =
0-
FC =
0.91274
-
NF =
0.79652
-
ISE =
28.341
fA
NR =
1.2966
-
ISC =
0.012292
fA
IRB =
0.013181
mA
RC =
0.50084

MJE =
0.48672
-
VTF =
0.66148
V
CJC =
1049.5
fF
XCJC =
0.28285
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
C'-E'-Diode Data (Berkley-SPICE 2G.6 Syntax) :
IS =
25
fA
RS =
5

N =
1.05
-
All parameters are ready to use, no scaling is necessary
Package Equivalent Circuit:
LBI =
0.31
nH
LBO =
0.63
nH
LEI =
0.2
nH
LEO =
0.05
nH
LCI =
0.29
nH
LCO =
0.68
nH
CBE =
208
fF
CCB =
3.2
fF
CCE =
213
fF
EHA07389
L BI
BE
C
BO
L
C
EI
L
L EO
CB
C
CI
L
CO
L
CE
C
Transistor
C’-E’-
B
Diode
E
E’
C’
B’
Chip
Valid up to 6GHz
The SOT-343 package has two emitter leads. To avoid high complexity of the package equivalent circuit,
both leads are combined in one electrical connection.
Extracted on behalf of Infineon Technologies AG by:
Institut für Mobil-und Satellitentechnik (IMST)
For examples and ready to use parameters please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon Technologies CD-ROM or see Internet:
http://www.infineon.com/silicondiscretes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com