Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28288 Datasheet (PDF) - Renesas Technology Corp

ISL28288 Datasheet PDF - Renesas Technology Corp
Part # ISL28288
Download  ISL28288 Download
File Size   1176.73 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp

ISL28288 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28288 Datasheet PDF - Renesas Technology Corp

Part # ISL28288
Download  ISL28288 Click to download

File Size   1176.73 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp

ISL28288 Datasheet (HTML) - Renesas Technology Corp


ISL28288 Product details

Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp

The ISL28288 and ISL28488 are dual and quad channel micropower operational amplifiers optimized for single supply operation over the 2.4V to 5.5V range. They can be operated from one lithium cell or two Ni-Cd batteries. For equivalent performance in a single channel op amp, reference EL8188.

Features
• Low power 60µA typical supply current per amplifier
• 1.5mV max offset voltage
• 30pA max input bias current
• 250kHz typical gain-bandwidth product
• 105dB typical PSRR
• 100dB typical CMRR
• Single supply operation down to 2.4V
• Input is capable of swinging above V+ and below V- (ground sensing)
• Rail-to-rail input and output (RRIO)
• Enable Pin - ISL28288 10 Ld MSOP package option only
• Pb-free (RoHS compliant)

Applications
• Battery- or solar-powered systems
• 4mA to 25mA current loops
• Handheld consumer products
• Medical devices
• Thermocouple amplifiers
• Photodiode pre-amps
• pH probe amplifiers




Similar Part No. - ISL28288

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 20, 2006
ISL28288 INTERSIL-ISL28288 Datasheet
473Kb / 13P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
June 28, 2007
ISL28288 INTERSIL-ISL28288 Datasheet
995Kb / 17P
Digital DC/DC PMBus 12A Module
July 26, 2011
ISL28288 INTERSIL-ISL28288 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL28288(EN) INTERSIL-ISL28288(EN) Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
More results


Similar Description - ISL28288

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 28, 2006
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 22, 2006
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 20, 2006
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 29, 2007
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
July 11, 2007
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
June 28, 2007
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com