Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28288 Datasheet (PDF) - Intersil Corporation

ISL28288 Datasheet PDF - Intersil Corporation
Part # ISL28288
Download  ISL28288 Download
File Size   514.28 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp

ISL28288 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28288 Datasheet PDF - Intersil Corporation

Part # ISL28288
Download  ISL28288 Click to download

File Size   514.28 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp

ISL28288 Datasheet (HTML) - Intersil Corporation


ISL28288 Product details

Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp

The ISL28288 and ISL28488 are dual and quad channel
micropower operational amplifiers optimized for single
supply operation over the 2.4V to 5V range. They can be
operated from one lithium cell or two Ni-Cd batteries. For
equivalent performance in a single channel op-amp
reference EL8188.

Features
• Low power 120µA typical supply current
• 1.5mV max offset voltage
• 30pA max input bias current
• 300kHz typical gain-bandwidth product
• 105dB typical PSRR
• 100dB typical CMRR
• Single supply operation down to 2.4V
• Input is capable of swinging above V+ and below V- (ground sensing)
• Rail-to-rail input and output (RRIO)
• Enable Pin (ISL28288 only)
• Pb-free plus anneal available (RoHS compliant)

Applications
• Battery- or solar-powered systems
• 4mA to 25mA current loops
• Handheld consumer products
• Medical devices
• Thermocouple amplifiers
• Photodiode pre-amps
• pH probe amplifiers




Similar Part No. - ISL28288

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288 Datasheet
473Kb / 13P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
June 28, 2007
ISL28288 INTERSIL-ISL28288 Datasheet
995Kb / 17P
Digital DC/DC PMBus 12A Module
July 26, 2011
ISL28288 INTERSIL-ISL28288 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288(EN) INTERSIL-ISL28288(EN) Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
More results


Similar Description - ISL28288

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 28, 2006
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 22, 2006
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 29, 2007
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 17, 2008
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
July 11, 2007
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com