Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXUV20HS1 Datasheet (PDF) - OptoDiode Corp

AXUV20HS1 Datasheet PDF - OptoDiode Corp
Part # AXUV20HS1
Download  AXUV20HS1 Download
File Size   462.47 Kbytes
Page   3 Pages
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp
Description Photodiode 過5 mm

AXUV20HS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXUV20HS1 Datasheet PDF - OptoDiode Corp

Part # AXUV20HS1
Download  AXUV20HS1 Click to download

File Size   462.47 Kbytes
Page   3 Pages
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp
Description Photodiode 過5 mm

AXUV20HS1 Datasheet (HTML) - OptoDiode Corp




Similar Part No. - AXUV20HS1

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUV20HS1 OPTODIODE-AXUV20HS1 Datasheet
142Kb / 2P
PHOTODIODE 5 mm Circular active area
More results


Similar Description - AXUV20HS1

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-360 ROHM-SLA-360 Datasheet
121Kb / 4P
High luminance, small LEDs (過3, 過3.1 mm)
SPR-505 ROHM-SPR-505 Datasheet
77Kb / 3P
Directly mountable, two-color LEDs (過5.0 mm)
logo
List of Unclassifed Man...
HLWW-L51A ETC2-HLWW-L51A Datasheet
57Kb / 5P
5過 White LED LAMP
logo
Thinking Electronic Ind...
GQF3R230NRW THINKING-GQF3R230NRW Datasheet
214Kb / 4P
SMD 3-Electrodes 過5*7.2 mm Symmetrical Type
logo
OptoDiode Corp
AXUV20HS1 OPTODIODE-AXUV20HS1 Datasheet
142Kb / 2P
PHOTODIODE 5 mm Circular active area
UVG20C OPTODIODE-UVG20C Datasheet
245Kb / 2P
PHOTODIODE 20 mm
SXUVPS4C OPTODIODE-SXUVPS4C Datasheet
205Kb / 2P
QUADRANT PHOTODIODE 5 mm
ODD-AXU-168 OPTODIODE-ODD-AXU-168 Datasheet
279Kb / 2P
PHOTODIODE 횠0.60 mm
AXUV63HS1 OPTODIODE-AXUV63HS1_18 Datasheet
445Kb / 3P
Photodiode 過5 mm
SXUV20HS1 OPTODIODE-SXUV20HS1_18 Datasheet
279Kb / 2P
Photodiode 過5 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com