Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV219 Datasheet (PDF) - Supertex, Inc

HV219 Datasheet PDF - Supertex, Inc
Part # HV219
Download  HV219 Download
File Size   572.64 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection 8-Channel High Voltage Analog Switch

HV219 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV219 Datasheet PDF - Supertex, Inc

Part # HV219
Download  HV219 Click to download

File Size   572.64 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection 8-Channel High Voltage Analog Switch

HV219 Datasheet (HTML) - Supertex, Inc


HV219 Product details

General Description
The Supertex HV219 is a low switch resistance, low charge injection 8-channel 200V analog switch integrated circuit (IC) intended primarily for medical ultrasound imaging. The device can also be used for NDE, non-destructive evaluation applications. The HV219 is a lower switch resistance, 11ohms versus 22ohms, version of the Supertex HV20220 device. The lower switch resistance will help reduce insertion loss. It has the same pin configuration as that of the Supertex HV20220PJ and the HV20220FG.

Features
❐ HVCMOS technology for high performance
❐ Very low quiescent power dissipation-10µA
❐ Output On-resistance typically 11Ω
❐ Low parasitic capacitance
❐ DC to 10MHz analog signal frequency
❐ -60dB typical off-isolation at 5MHz
❐ CMOS logic circuitry for low power
❐ Excellent noise immunity
❐ Serial shift register logic control with latches
❐ Flexible operating supply voltages
❐ Surface mount packages

Applications
❐ Medical Ultrasound Imaging
❐ Non-Destructive Evaluation




Similar Part No. - HV219

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV219 SUTEX-HV219 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG SUTEX-HV219FG Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-G SUTEX-HV219FG-G Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-G SUTEX-HV219FG-G Datasheet
848Kb / 9P
200V Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-GM931 SUTEX-HV219FG-GM931 Datasheet
848Kb / 9P
200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Similar Description - HV219

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
200V Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com