Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2203 Datasheet (PDF) - Supertex, Inc

HV2203 Datasheet PDF - Supertex, Inc
Part # HV2203
Download  HV2203 Download
File Size   841.58 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection, 8-Channel High Voltage Analog Switch

HV2203 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV2203 Datasheet PDF - Supertex, Inc

Part # HV2203
Download  HV2203 Click to download

File Size   841.58 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection, 8-Channel High Voltage Analog Switch

HV2203 Datasheet (HTML) - Supertex, Inc


HV2203 Product details

General Description

The Supertex HV2203 is a low charge injection 8-channel high voltage analog switch integrated circuit (IC) intended for use in applications requiring high voltage switching controlled by low voltage signals, such as medical ultrasound imaging, piezoelectric transducer driver, and printers.

Data is input into an 8-bit shift register that can then be retained in an 8-bit latch. To reduce any possible clock feed-through noise, the latch enable bar should be left high until all bits are clocked in. Data is clocked in during the rising edge of the clock.

Using HVCMOS technology, this device combines high voltage bilateral DMOS switches and low power CMOS logic to provide effi cient control of high voltage analog signals.



Features

► HVCMOS technology for high performance

► 3.3V or 5.0V CMOS input logic level

► 20MHz data shift clock frequency

► Very low quiescent power dissipation - 10µA

► Low parasitic capacitance

► DC to 10MHz analog signal frequency

► -60dB typical off-isolation at 5MHz

► CMOS logic circuitry for low power

► Excellent noise immunity

► Cascadable serial data register with latches

► Flexible operating supply voltages



Applications

► Medical ultrasound imaging

► NDT metal fl aw detection

► Piezoelectric transducer drivers

► Inkjet printer heads

► Optical MEMS modules



 




Similar Part No. - HV2203

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
1,008Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switches
HV2201 SUTEX-HV2201 Datasheet
324Kb / 9P
Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch
HV2201 SUTEX-HV2201 Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
HV2201B1-G SUTEX-HV2201B1-G Datasheet
324Kb / 9P
Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch
More results


Similar Description - HV2203

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
200V Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com