Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV220 Datasheet (PDF) - Supertex, Inc

HV220 Datasheet PDF - Supertex, Inc
Part # HV220
Download  HV220 Download
File Size   914.54 Kbytes
Page   12 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection 8-Channel High Voltage Analog Switches

HV220 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV220 Datasheet PDF - Supertex, Inc

Part # HV220
Download  HV220 Click to download

File Size   914.54 Kbytes
Page   12 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection 8-Channel High Voltage Analog Switches

HV220 Datasheet (HTML) - Supertex, Inc


HV220 Product details

General Description
These devices are low charge injection 8-channel high-voltage analog switch integrated circuits (ICs) intended for use in applications requiring high voltage switching controlled by low voltage control signals, such as ultrasound imaging and printers. Input data is shifted into an 8-bit shift register which can then be retained in an 8-bit latch.

Features
❐ HVCMOS® technology for high performance
❐ Very low quiescent power dissipation – 10µA
❐ Output on-resistance typically 22 ohms
❐ Low parasitic capacitances
❐ DC to 10MHz analog signal frequency
❐ -60dB typical output off isolation at 5MHz
❐ CMOS logic circuitry for low power
❐ Excellent noise immunity
❐ On-chip shift register, latch and clear logic circuitry
❐ Flexible high voltage supplies

Applications
❐ Medical ultrasound imaging
❐ Piezoelectric transducer drivers




Similar Part No. - HV220

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV220 SUTEX-HV220 Datasheet
1,008Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switches
HV2201 SUTEX-HV2201 Datasheet
324Kb / 9P
Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch
HV2201 SUTEX-HV2201 Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
HV2201B1-G SUTEX-HV2201B1-G Datasheet
324Kb / 9P
Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch
HV2201FG-G SUTEX-HV2201FG-G Datasheet
324Kb / 9P
Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch
More results


Similar Description - HV220

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
logo
Supertex, Inc
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switches
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
Low Charge Injection, 8-Channel, High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com