Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2201 Datasheet (PDF) - Supertex, Inc

HV2201 Datasheet PDF - Supertex, Inc
Part # HV2201
Download  HV2201 Download
File Size   324.97 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch

HV2201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV2201 Datasheet PDF - Supertex, Inc

Part # HV2201
Download  HV2201 Click to download

File Size   324.97 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch

HV2201 Datasheet (HTML) - Supertex, Inc


HV2201 Product details

General Description
The Supertex HV2201 is a low charge injection, 8-channel, high voltage analog switch integrated circuit (IC). The device can be used in applications requiring high voltage switching controlled by low voltage control signals, such as medical ultrasound imaging, piezoelectric transducer drivers, and printers. The HV2201 is an enhanced version of the HV20220.
Input data is shifted into an 8-bit shift register that can then be retained in an 8-bit latch. To reduce any possible clock feed through noise, the latch enable bar should be left high until all bits are clocked in. Data is clocked in during the rising edge of the clock. Using HVCMOS technology, this device combines high voltage bilateral DMOS switches and low power CMOS logic to provide effcient control of high voltage analog signals.
The device is suitable for various combinations of high voltage supplies, e.g., VPP/VNN: +40V/-160V, +100V/-100V, and +160V/- 40V.

Features
► HVCMOS technology for high performance
► 8 Channels of high voltage analog switch
► 3.3 or 5.0V CMOS input logic level
► 20MHz data shift clock frequency
► Very low quiescent power dissipation (-10µA)
► Low parasitic capacitance
► DC to 50MHz analog signal frequency
► -60dB typical off-isolation at 5.0MHz
► CMOS logic circuitry for low power
► Excellent noise immunity
► Cascadable serial data register with latches
► Flexible operating supply voltages

Applications
► Medical ultrasound imaging
► NDT metal flaw detection
► Piezoelectric transducer drivers
► Inkjet printer heads
► Optical MEMS modules




Similar Part No. - HV2201

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2201 SUTEX-HV2201 Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
HV2201FG-G SUTEX-HV2201FG-G Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
HV2201PJ-G SUTEX-HV2201PJ-G Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
HV2201 SUTEX-HV2201_11 Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
More results


Similar Description - HV2201

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2201 SUTEX-HV2201_11 Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com