Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54405 Datasheet (PDF) - Renesas Technology Corp

ISL54405 Datasheet PDF - Renesas Technology Corp
Part # ISL54405
Download  ISL54405 Download
File Size   1327.75 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination

ISL54405 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54405 Datasheet PDF - Renesas Technology Corp

Part # ISL54405
Download  ISL54405 Click to download

File Size   1327.75 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination

ISL54405 Datasheet (HTML) - Renesas Technology Corp


ISL54405 Product details

The Intersil ISL54405 is a single supply, bidirectional, dual single-pole/double-throw (SPDT) ultra low distortion, high OFF-Isolation analog switch that can pass analog signals that are positive and negative with respect to ground. It is primarily targeted at consumer and professional audio switching applications such as computer sound cards and home theater products. The inputs can accommodate ground referenced signals up to 2VRMS while operating from a single 3.3V or 5V DC supply. The digital logic inputs are 1.8V logic-compatible when using a single 3.3V or 5V supply. It can be used in both AC or DC coupled ground referenced applications.

Features
• Clickless audio switching
• 2 switches
• Switch type SPDT or 2 to 1 MUX
• 2VRMS signal switching from 3.3V or 5V supply
• -106dB THD+N into 20kΩ load at 2VRMS
• -108dB THD+N into 32Ω load at 3.9mW
• Signal to noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >124dBV
• ±0.01dB insertion loss at 1kHz, 20kΩ load
• ±0.007dB gain variation 20Hz to 20kHz
• 125dB signal muting into 20kΩ load
• 90dB PSRR 20Hz to 20kHz
• Single supply operation . . . . . . . . . . . . . . . . . . . . . . . . . 3.3V or 5V
• Available in 16 Ld TSSOP, 16 Ld TQFN, and 16 Ld µTQFN
• Pb-Free (RoHS compliant)

Applications
• Computer sound cards
• Home theater audio products
• SACD/DVD audio
• DVD player audio output switching
• Headsets for MP3/cellphone switching
• Hi-Fi audio switching application




Similar Part No. - ISL54405

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54405 INTERSIL-ISL54405 Datasheet
962Kb / 19P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
June 5, 2008
ISL54405 INTERSIL-ISL54405 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL54405 INTERSIL-ISL54405 Datasheet
1,012Kb / 20P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
May 6, 2014
ISL54405IRTZ INTERSIL-ISL54405IRTZ Datasheet
962Kb / 19P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
June 5, 2008
ISL54405IRTZ INTERSIL-ISL54405IRTZ Datasheet
1,012Kb / 20P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
May 6, 2014
More results


Similar Description - ISL54405

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54405 INTERSIL-ISL54405 Datasheet
962Kb / 19P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
June 5, 2008
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54405IVZ INTERSIL-ISL54405IVZ Datasheet
1,012Kb / 20P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
May 6, 2014
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com