Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54405 Datasheet (PDF) - Intersil Corporation

ISL54405 Datasheet PDF - Intersil Corporation
Part # ISL54405
Download  ISL54405 Download
File Size   1012.31 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination

ISL54405 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54405 Datasheet PDF - Intersil Corporation

Part # ISL54405
Download  ISL54405 Click to download

File Size   1012.31 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination

ISL54405 Datasheet (HTML) - Intersil Corporation


ISL54405 Product details

The Intersil ISL54405 is a single supply, bidirectional, dual
single-pole/double-throw (SPDT) ultra low distortion, high
OFF-Isolation analog switch that can pass analog signals that
are positive and negative with respect to ground. It is primarily
targeted at consumer and professional audio switching
applications such as computer sound cards and home theater
products. The inputs can accommodate ground referenced
signals up to 2VRMS while operating from a single 3.3V or 5V DC
supply. The digital logic inputs are 1.8V logic-compatible when
using a single 3.3V or 5V supply. It can be used in both AC or DC
coupled ground referenced applications.
The ISL54405 features a soft-switch feature and click/pop
circuitry at each signal pin that eliminates clicks and pops
associated with power-up/down conditions of the preceding
amplifier outputs.
With -106dB THD+N performance with a 2VRMS signal into
20k load, superior signal muting, high PSRR and very flat
frequency response, the ISL54405 meets the exacting
requirements of consumer and professional audio engineers.
The ISL54405 is available in 16 Ld TSSOP, 16 Ld 3mmx3mm
TQFN, and 16 Ld 2.6mmx1.8mm µTQFN packages. It’s specified
for operation over the -40°C to +85°C temperature range.

Features
• Clickless audio switching
• 2 switches
• Switch type SPDT or 2 to 1 MUX
• 2VRMS signal switching from 3.3V or 5V supply
• -106dB THD+N into 20k load at 2VRMS
• -108dB THD+N into 32 load at 3.9mW
• Signal to noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >124dBV
• ±0.01dB insertion loss at 1kHz, 20k load
• ±0.007dB gain variation 20Hz to 20kHz
• 125dB signal muting into 20k load
• 90dB PSRR 20Hz to 20kHz
• Single supply operation . . . . . . . . . . . . . . . . . . . . . . . . . 3.3V or 5V
• Available in 16 Ld TSSOP, 16 Ld TQFN, and 16 Ld µTQFN
• Pb-Free (RoHS compliant)

Applications
• Computer sound cards
• Home theater audio products
• SACD/DVD audio
• DVD player audio output switching
• Headsets for MP3/cellphone switching
• Hi-Fi audio switching application




Similar Part No. - ISL54405

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54405 INTERSIL-ISL54405 Datasheet
962Kb / 19P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
June 5, 2008
ISL54405 INTERSIL-ISL54405 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54405 RENESAS-ISL54405 Datasheet
1Mb / 20P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Intersil Corporation
ISL54405IRTZ INTERSIL-ISL54405IRTZ Datasheet
962Kb / 19P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
June 5, 2008
logo
Renesas Technology Corp
ISL54405IRTZ RENESAS-ISL54405IRTZ Datasheet
1Mb / 20P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
More results


Similar Description - ISL54405

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54405 INTERSIL-ISL54405 Datasheet
962Kb / 19P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
June 5, 2008
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
ISL54405 RENESAS-ISL54405 Datasheet
1Mb / 20P
CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com