Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1083 Datasheet (PDF) - List of Unclassifed Manufacturers

IL1083 Datasheet PDF - List of Unclassifed Manufacturers
Part # IL1083
Download  IL1083 Download
File Size   46.72 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 7,5

IL1083 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL1083 Datasheet PDF - List of Unclassifed Manufacturers

Part # IL1083
Download  IL1083 Click to download

File Size   46.72 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 7,5

IL1083 Datasheet (HTML) - List of Unclassifed Manufacturers


IL1083 Product details

[BELMICROSYSTEMS]



IC IL1084 is a powerful adjustable voltage regulator of positive polarity with low residual voltage and load current 7,5 À.

IC of powerful adjustable voltage regulator with low residual voltage lower than 1,5A and reference voltage 1,25 V is purposed for producing constant temperature-stabilized voltage of positive polarity by means of the value set by external resistive divider and used in electronic equipment as a source of stabilized supply.



Properties:

· Reference voltage 1,25V

· Output current up to 7,5 A

· Input-output voltage difference, UIN - UO up to 30 V

· Residual voltage lower than 1,5 V

· Overload protection

· Embedded temperature protection

· Operation range of chip temperature from 0 up to +125°Ñ.



 




Similar Part No. - IL1083

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL1084 ETC-IL1084 Datasheet
45Kb / 4P
IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH LOW RESIDUAL VOLTAGE AND LOAD CURRENT 5A
logo
Estek Electronics Co. L...
IL1084-1.5BT2 ESTEK-IL1084-1.5BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
logo
IK Semicon Co., Ltd
IL1084-1.8 IKSEMICON-IL1084-1.8 Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Estek Electronics Co. L...
IL1084-1.8BT2 ESTEK-IL1084-1.8BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
IL1084-2.5BT2 ESTEK-IL1084-2.5BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
More results


Similar Description - IL1083

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AM HSMC-H7805AM Datasheet
35Kb / 3P
Low Current Positive Voltage Regulator Of Surface Mount Device
H7806AM HSMC-H7806AM Datasheet
33Kb / 3P
Low Current Positive Voltage Regulator Of Surface Mount Device
logo
List of Unclassifed Man...
IL1084 ETC-IL1084 Datasheet
45Kb / 4P
IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH LOW RESIDUAL VOLTAGE AND LOAD CURRENT 5A
logo
Integral Corp.
IL1085 INTEGRAL-IL1085 Datasheet
180Kb / 4P
IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 3 ?
ILE4270G INTEGRAL-ILE4270G Datasheet
192Kb / 6P
IC OF 5 V/550MA POWER VOLTAGE REGULATOR WITH LOW RESIDUAL VOLTAGE (ANALOG OF TLE4270G BY SIEMENS)
logo
Dc Components
DM78L05 DCCOM-DM78L05 Datasheet
238Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L06 DCCOM-DM78L06 Datasheet
239Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L08 DCCOM-DM78L08 Datasheet
236Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L09 DCCOM-DM78L09 Datasheet
236Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L12 DCCOM-DM78L12 Datasheet
239Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com