Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1084 Datasheet (PDF) - List of Unclassifed Manufacturers

IL1084 Datasheet PDF - List of Unclassifed Manufacturers
Part # IL1084
Download  IL1084 Download
File Size   45.94 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH LOW RESIDUAL VOLTAGE AND LOAD CURRENT 5A

IL1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL1084 Datasheet PDF - List of Unclassifed Manufacturers

Part # IL1084
Download  IL1084 Click to download

File Size   45.94 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH LOW RESIDUAL VOLTAGE AND LOAD CURRENT 5A

IL1084 Datasheet (HTML) - List of Unclassifed Manufacturers


IL1084 Product details

IC IL1084 is a powerful adjustable voltage regulator of positive polarity with low residual voltage and load current 5,5A.
IC of powerful adjustable voltage regulator with low residual voltage lower than 1,5A and reference voltage 1,25 V is purposed for producing constant temperature-stabilized voltage of positive polarity by means of the value set by external resistive divider and used in electronic equipment as a source of stabilized supply.
   
Properties:
• Reference voltage 1,25V
• Output current up to 5,5 A
• Input-output voltage difference, UIN - UO up to 30 V
• Residual voltage lower than 1,5 V
• Overload protection
• Embedded temperature protection
• Operation range of chip temperature from 0 up to +125°Ñ.
   




Similar Part No. - IL1084

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IL1084-1.5BT2 ESTEK-IL1084-1.5BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
logo
IK Semicon Co., Ltd
IL1084-1.8 IKSEMICON-IL1084-1.8 Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Estek Electronics Co. L...
IL1084-1.8BT2 ESTEK-IL1084-1.8BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
IL1084-2.5BT2 ESTEK-IL1084-2.5BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
IL1084-2.85BT2 ESTEK-IL1084-2.85BT2 Datasheet
204Kb / 2P
CHIP LOW DROPOUT POSITIVE REGULATOR 5A
More results


Similar Description - IL1084

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
logo
Linear Technology
LT138A LINER-LT138A Datasheet
185Kb / 12P
5A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
IL1083 ETC-IL1083 Datasheet
46Kb / 4P
IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 7,5
logo
Integral Corp.
IL1085 INTEGRAL-IL1085 Datasheet
180Kb / 4P
IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 3 ?
ILE4270G INTEGRAL-ILE4270G Datasheet
192Kb / 6P
IC OF 5 V/550MA POWER VOLTAGE REGULATOR WITH LOW RESIDUAL VOLTAGE (ANALOG OF TLE4270G BY SIEMENS)
logo
Linear Technology
LT138A LINER-LT138A_01 Datasheet
148Kb / 12P
5A Positive Adjustable Voltage Regulator
LM138 LINER-LM138_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
LM338 LINER-LM338_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
LT138A LINER-LT138A_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
LT338A LINER-LT338A_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com