Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL59441 Datasheet (PDF) - Renesas Technology Corp

ISL59441 Datasheet PDF - Renesas Technology Corp
Part # ISL59441
Download  ISL59441 Download
File Size   773.96 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 900MHz Multiplexing Amplifier

ISL59441 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59441 Datasheet PDF - Renesas Technology Corp

Part # ISL59441
Download  ISL59441 Click to download

File Size   773.96 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 900MHz Multiplexing Amplifier

ISL59441 Datasheet (HTML) - Renesas Technology Corp


ISL59441 Product details

The ISL59441 is 900MHz bandwidth 4:1 multiplexing amplifier designed primarily for video switching. This Mux amp has a user-settable gain and also features a high speed three-state function to enable the output of multiple devices to be wired together. All logic inputs have pull-downs to ground and may be left floating. The ENABLE pin, when pulled high, sets the ISL59441 to the low current power-down mode for power sensitive applications - consuming just 5mW.

Features
• 900MHz (-3dB) Bandwidth (AV = 1, VOUT = 100mVP-P)
• 230MHz (-3dB) Bandwidth (AV = 2, VOUT = 2VP-P)
• Slew Rate (AV = 1, RL = 500VOUT = 4V) . . . . .1349V/µs
• Slew Rate (AV = 2, RL = 500VOUT = 5V) . . . . .1927V/µs
• Adjustable Gain
• High Speed Three-State Output (HIZ)
• Low Current Power-Down . . . . . . . . . . . . . . . . . . . . .5mW
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-top Boxes
• Security Video
• Broadcast Video Equipment




Similar Part No. - ISL59441

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
900MHz Multiplexing Amplifier
September 21, 2005
ISL59441IA INTERSIL-ISL59441IA Datasheet
571Kb / 12P
900MHz Multiplexing Amplifier
September 21, 2005
ISL59441IA-T13 INTERSIL-ISL59441IA-T13 Datasheet
571Kb / 12P
900MHz Multiplexing Amplifier
September 21, 2005
ISL59441IA-T7 INTERSIL-ISL59441IA-T7 Datasheet
571Kb / 12P
900MHz Multiplexing Amplifier
September 21, 2005
ISL59441IAZ INTERSIL-ISL59441IAZ Datasheet
571Kb / 12P
900MHz Multiplexing Amplifier
September 21, 2005
More results


Similar Description - ISL59441

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
400MHz Multiplexing Amplifier
September 22, 2005
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
865MHz Multiplexing Amplifier
September 21, 2005
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
400MHz Multiplexing Amplifier
September 21, 2005
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
900MHz Multiplexing Amplifier
September 21, 2005
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
400MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
865MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
400MHz Multiplexing Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com