Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2162 Datasheet (PDF) - RF Micro Devices

RF2162 Datasheet PDF - RF Micro Devices
Part # RF2162
Download  RF2162 Download
File Size   218.02 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 900MHZ LINEAR AMPLIFIER

RF2162 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2162 Datasheet PDF - RF Micro Devices

Part # RF2162
Download  RF2162 Click to download

File Size   218.02 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 900MHZ LINEAR AMPLIFIER

RF2162 Datasheet (HTML) - RF Micro Devices


RF2162 Product details

Product Description
The RF2162 is a high-power, high-efficiency linear amplifier IC targeting 3V handheld systems. The device is manufactured on an advanced Gallium Arsenide Hetero junction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in dual-mode 3V CDMA/AMPS hand-held digital cellular equipment, spread-spectrum systems, and other applications in the 800MHz to 960MHz band. The RF2162 has an analog bias control voltage to maximize efficiency. The device is self-contained with 50Ω input and the output can be easily matched to obtain optimum power, efficiency, and linearity characteristics. The device is packaged in a compact 4mmx4mm, 16-pin, leadless chip carrier.

Features
• Single 3V Supply
• 29dBm Linear Output Power
• 29dB Linear Gain
• 35% Linear Efficiency
• On-board Power Down Mode
• 800MHz to 960MHz Operation

Typical Applications
• 3V CDMA/AMPS Cellular Handsets
• 3V J-CDMA/TACS Cellular Handsets
• 3V TDMA/AMPS Cellular Handsets
• Spread-Spectrum Systems
• CDPD Portable Data Cards
• Portable Battery-Powered Equipment




Similar Part No. - RF2162

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2162PCBA RFMD-RF2162PCBA Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2162 RFMD-RF2162_16 Datasheet
2Mb / 10P
LINEAR AMPLIFIER
More results


Similar Description - RF2162

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
3V 900MHz LINEAR AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com