Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2162 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2162
Description  3V 900MHZ LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2162 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2162 Datasheet HTML 1Page - RF Micro Devices RF2162 Datasheet HTML 2Page - RF Micro Devices RF2162 Datasheet HTML 3Page - RF Micro Devices RF2162 Datasheet HTML 4Page - RF Micro Devices RF2162 Datasheet HTML 5Page - RF Micro Devices RF2162 Datasheet HTML 6Page - RF Micro Devices RF2162 Datasheet HTML 7Page - RF Micro Devices RF2162 Datasheet HTML 8Page - RF Micro Devices RF2162 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
2-205
2
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
16
1
13
14
15
GND
GND
RFIN
2
3
4
9
8
7
6
5
RF OUT
RF OUT
RF OUT
12
11
10
RF2162
3V 900MHZ LINEAR AMPLIFIER
• 3V CDMA/AMPS Cellular Handsets
• 3V JCDMA/TACS Cellular Handsets
• 3V TDMA/AMPS Cellular Handsets
• Spread-Spectrum Systems
• CDPDPortableDataCards
• Portable Battery-Powered Equipment
The RF2162 is a high-power, high-efficiency linear ampli-
fier IC targeting 3V handheld systems. The device is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in dual-mode
3 V CDMA/AMPS hand-held digital cellular equipment,
spread-spectrum systems, and other applications in the
800MHz to 960MHz band. The RF2162 has an analog
bias control voltage to maximize efficiency. The device is
self-contained with 50
Ω input and the output can be eas-
ily matched to obtain optimum power, efficiency, and lin-
earity characteristics. The device is packaged in a
compact 4 mmx4mm, 16-pin, leadless chip carrier.
• Single 3V Supply
• 29dBm Linear Output Power
• 29dB Linear Gain
• 35% Linear Efficiency
• On-board Power Down Mode
• 800MHz to 960MHz Operation
RF2162
3V 900MHz Linear Amplifier
RF2162 PCBA
Fully Assembled Evaluation Board
2
Rev A17 011011
3.75
3.75
+
1.50 SQ
4.00
4.00
1
0.45
0.28
3.20
1.60
0.75
0.50
12°
INDEX AREA 3
1.00
0.90
0.75
0.65
0.05
0.00
NOTES:
5
Package Warpage: 0.05 max.
4
Pins 1 and 9 are fused.
Shaded Pin is Lead 1.
1
Dimension applies to plated terminal and is measured between
0.10 mm and 0.25 mm from terminal tip.
2
The terminal #1 identifier and terminal numbering convention
shall conform to JESD 95-1 SPP-012. Details of terminal #1
identifier are optional, but must be located within the zone
indicated. The identifier may be either a mold or marked
feature.
3
0.80
TYP
2
1
Dimensions in mm.
Package Style: LCC, 16-Pin, 4x4


Similar Part No. - RF2162

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2162PCBA RFMD-RF2162PCBA Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2162 RFMD-RF2162_16 Datasheet
2Mb / 10P
LINEAR AMPLIFIER
More results

Similar Description - RF2162

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
3V 900MHz LINEAR AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com