Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2162 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2162
Description  3V 900MHZ LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2162 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2162 Datasheet HTML 1Page - RF Micro Devices RF2162 Datasheet HTML 2Page - RF Micro Devices RF2162 Datasheet HTML 3Page - RF Micro Devices RF2162 Datasheet HTML 4Page - RF Micro Devices RF2162 Datasheet HTML 5Page - RF Micro Devices RF2162 Datasheet HTML 6Page - RF Micro Devices RF2162 Datasheet HTML 7Page - RF Micro Devices RF2162 Datasheet HTML 8Page - RF Micro Devices RF2162 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary
2-208
RF2162
Rev A17 011011
2
Application Schematic - US CDMA
330
100 pF
100 pF
100 pF
100 pF
1k
100 pF
9.1 pF**
5.1 pF**
100 pF
27 nH*
100 pF
10 nF
1pF
0
TL
1
TL
2
* High Q inductor (i.e., Coilcraft 0805HQ-series).
**High Q capacitors (i.e., Johanson C-series).
16
1
13
14
15
2
3
4
9
8
7
6
5
12
11
10
10 nH
0
15 nH
100 pF
1.8 nH
TL
3
TL
4
1nH
RF OUT
RF IN
VREG
VMODE
V
CC
2nd Harmonic Trap
Bypassing for V
CC
Interstage tuning for centering
frequency response
To Vary Gain
Matching network for
optimum input return loss
Bypassing for
V
REG1 and VREG2
Matching network for
optimum load impedance
Bias Return



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com