Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2162 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2162
Description  3V 900MHZ LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2162 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2162 Datasheet HTML 1Page - RF Micro Devices RF2162 Datasheet HTML 2Page - RF Micro Devices RF2162 Datasheet HTML 3Page - RF Micro Devices RF2162 Datasheet HTML 4Page - RF Micro Devices RF2162 Datasheet HTML 5Page - RF Micro Devices RF2162 Datasheet HTML 6Page - RF Micro Devices RF2162 Datasheet HTML 7Page - RF Micro Devices RF2162 Datasheet HTML 8Page - RF Micro Devices RF2162 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary
2-206
RF2162
Rev A17 011011
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
VDC
Supply Voltage (POUT≤31dBm)
+4.5
VDC
Mode Voltage (VMODE)+3.0
VDC
Control Voltage (VPD)+3.0
VDC
Input RF Power
+12
dBm
Operating Case Temperature
-30 to +110
°C
Storage Temperature
-30 to +150
°C
Moisture Sensitivity
Modified JEDEC Level 2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=3.4V, Freq=824MHz to
849MHz unless otherwise specified
Usable Frequency Range
800
960
MHz
Typical Frequency Range
824-849
MHz
Linear Gain
28
29
31
dB
Second Harmonic (including
second harmonic trap)
-30
dBc
Max CW Output Power
31.5
dBm
Total Efficiency (AMPS mode)
50
%
Maximum Linear Output Power
(CDMA Modulation)
29
dBm
Total Linear Efficiency
30
35
%
Adjacent Channel Power Rejec-
tion
-46
-44
dBc
ACPR @ 885kHz
-58
-56
dBc
ACPR @1980kHz
Noise Power
-90
-89
dBm
VCC=3.4V; BW=30kHz; RX Band NF mea-
sure from TX center band to RX center band.
Maximum Linear Output Power
(CDMA Modulation)
29
dBm
VCC=3.0V
Total Efficiency (AMPS mode)
50
%
Max CW Output Power
30
30.5
31
dBm
Total Linear Efficiency
30
36
%
Adjacent Channel Power Rejec-
tion
-46
-44
dBc
ACPR @ 885kHz
-58
-56
dBc
ACPR @ 1980kHz
Input VSWR
<2:1
Output Load VSWR
10:1
No damage.
TDMA
Linear Output Power
30
dBm
Linear ACP
-29
-28
30kHZ offset
Linear ALT CP
-49
-48
60kHZ offset
Efficiency
45
46
O/P= 30dBm
Power Supply
Power Supply Voltage
3.0
3.4
4.5
V
Idle Current
135
200
mA
VMODE=0V to 0.5V
VREG Current
10
15
mA
Total pins 6 and 7, VREG=2.8V
Turn On/Off time
<100
ns
Total Current (Power down)
10
µAV
PD =Low
VREG “Low” Voltage
0
0.2
V
VREG “High” Voltage
2.7
2.8
2.9
V
VMODE Bias Control Voltage
Range
0to 2.5
V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com