Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL59481 Datasheet (PDF) - Renesas Technology Corp

ISL59481 Datasheet PDF - Renesas Technology Corp
Part # ISL59481
Download  ISL59481 Download
File Size   932.83 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual, 500MHz Triple, Multiplexing Amplifiers

ISL59481 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59481 Datasheet PDF - Renesas Technology Corp

Part # ISL59481
Download  ISL59481 Click to download

File Size   932.83 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual, 500MHz Triple, Multiplexing Amplifiers

ISL59481 Datasheet (HTML) - Renesas Technology Corp


ISL59481 Product details

The ISL59481 contains two independent unity gain triple 4:1 MUX amplifiers that feature high slew rate and excellent bandwidth for RGB video switching.

Features
• Dual, triple 4:1 multiplexers for RGB
• Externally configurable for various video MUX circuits including
    - 8:1 RGB MUX
    - Two separate 4:1 RGB MUX
    - 4:1 differential RGB video MUX
• Internally set gain-of-1
• High impedance outputs (HIZ)
• Power-down mode (EN)
• ±5V operation
• ±870V/µs slew rate
• 500MHz bandwidth
• Supply current 16mA/CH
• Pb-free plus anneal (RoHS compliant)

Applications
• HDTV/DTV analog inputs
• Video projectors
• Computer monitors
• Set-top boxes
• Security video
• Broadcast video equipment




Similar Part No. - ISL59481

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59481 INTERSIL-ISL59481 Datasheet
798Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481EVAL1Z INTERSIL-ISL59481EVAL1Z Datasheet
798Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481IRZ INTERSIL-ISL59481IRZ Datasheet
515Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59481IRZ INTERSIL-ISL59481IRZ Datasheet
798Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Similar Description - ISL59481

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
500MHz Triple, Multiplexing Amplifiers
September 21, 2005
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
May 21, 2007
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
500MHz Triple Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com