Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL59482 Datasheet (PDF) - Intersil Corporation

ISL59482 Datasheet PDF - Intersil Corporation
Part # ISL59482
Download  ISL59482 Download
File Size   680.07 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 500MHz Triple, Multiplexing Amplifiers

ISL59482 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59482 Datasheet PDF - Intersil Corporation

Part # ISL59482
Download  ISL59482 Click to download

File Size   680.07 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, 500MHz Triple, Multiplexing Amplifiers

ISL59482 Datasheet (HTML) - Intersil Corporation


ISL59482 Product details

The ISL59482 contains two independent fixed gain of 2 triple 4:1 MUX amplifiers that feature high slew rate and excellent bandwidth for RGB video switching.

Features
• Dual, Triple 4:1 Multiplexers for RGB
• 520MHz Bandwidth into 500Ω Load
• ±1600 V/µs Slew Rate
• Externally Configurable for Various Video MUX Circuits Including:
    - 8:1 RGB MUX
    - Two Separate 4:1 RGB MUX
    - 4:1 Differential RGB Video MUX
• Internally Fixed Gain-of-2
• High Impedance Outputs (HIZ)
• Power-Down Mode (EN)
• ±5V Operation
• Supply Current 16mA/Ch maximum
• Pb-free Plus Anneal Available (RoHS Compliant)

Applications
• HDTV/DTV analog inputs
• Video projectors, Computer monitors
• Set-top boxes
• Security video
• Broadcast video equipment




Similar Part No. - ISL59482

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
797Kb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
ISL59482EVAL1Z INTERSIL-ISL59482EVAL1Z Datasheet
797Kb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
ISL59482EVAL1Z RENESAS-ISL59482EVAL1Z Datasheet
1Mb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
More results


Similar Description - ISL59482

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
500MHz Triple, Multiplexing Amplifiers
September 21, 2005
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
May 21, 2007
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
500MHz Triple Multiplexing Amplifiers
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com