Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAD2710L Datasheet (PDF) - Renesas Technology Corp

KAD2710L Datasheet PDF - Renesas Technology Corp
Part # KAD2710L
Download  KAD2710L Download
File Size   797.11 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Bit, 275/210/170/105MSPS A/D Converter

KAD2710L Datasheet (PDF)

Go To PDF Page Download Datasheet
KAD2710L Datasheet PDF - Renesas Technology Corp

Part # KAD2710L
Download  KAD2710L Click to download

File Size   797.11 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Bit, 275/210/170/105MSPS A/D Converter

KAD2710L Datasheet (HTML) - Renesas Technology Corp


KAD2710L Product details

The KAD2710L is the industry’s lowest power, 10-bit, 275MSPS, high performance Analog-to-Digital converter. It is designed with Intersil’s proprietary FemtoCharge™ technology on a standard CMOS process.

Features
• On-Chip Reference
• Internal Sample and Hold
• 1.5VP-P Differential Input Voltage
• 600MHz Analog Input Bandwidth
• Two’s Complement or Binary Output
• Over-Range Indicator
• Selectable 2 Clock Input
• LVDS Compatible Outputs

Applications
• High-Performance Data Acquisition
• Portable Oscilloscope
• Medical Imaging
• Cable Head Ends
• Power-Amplifier Linearization
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• Point-to-Point Microwave Systems
• Communications Test Equipment
• Pb-Free (RoHS Compliant)




Similar Part No. - KAD2710L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
logo
Intersil Corporation
KAD2710L INTERSIL-KAD2710L Datasheet
346Kb / 16P
10-Bit, 275/210/170/105MSPS A/D Converter
KAD2710L-10 INTERSIL-KAD2710L-10 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
List of Unclassifed Man...
KAD2710L-10Q68 ETC2-KAD2710L-10Q68 Datasheet
417Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
logo
Intersil Corporation
KAD2710L-10Q68 INTERSIL-KAD2710L-10Q68 Datasheet
346Kb / 16P
10-Bit, 275/210/170/105MSPS A/D Converter
More results


Similar Description - KAD2710L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
Dual 10-Bit, 250/210/170/125MSPS A/D Converter
January 30, 2009
KAD2708C INTERSIL-KAD2708C Datasheet
323Kb / 15P
8-Bit, 275/210/170/105MSPS A/D Converter
December 5, 2008
KAD2708L INTERSIL-KAD2708L Datasheet
338Kb / 15P
8-Bit, 350/275/210/170/105MSPS A/D Converter
December 5, 2008
KAD2710C INTERSIL-KAD2710C Datasheet
332Kb / 16P
10-Bit, 275/210/170/105MSPS A/D Converter
KAD2710L INTERSIL-KAD2710L Datasheet
346Kb / 16P
10-Bit, 275/210/170/105MSPS A/D Converter
KAD2708C INTERSIL-KAD2708C_11 Datasheet
604Kb / 16P
8-Bit, 275/210/170/105MSPS A/D Converter
April 14, 2011
KAD2708L INTERSIL-KAD2708L_11 Datasheet
622Kb / 16P
8-Bit, 350/275/210/170/105MSPS A/D Converter
April 14, 2011
logo
Renesas Technology Corp
KAD2708C RENESAS-KAD2708C Datasheet
791Kb / 17P
8-Bit, 275/210/170/105MSPS A/D Converter
KAD2708L RENESAS-KAD2708L Datasheet
801Kb / 17P
8-Bit, 350/275/210/170/105MSPS A/D Converter
KAD2710C RENESAS-KAD2710C Datasheet
765Kb / 16P
10-Bit, 275/210/170/105MSPS A/D Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com